Electronic Components Datasheet Search
  English  ▼

X  

2N2484 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 2N2484
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 2N2484 Datasheet HTML 6Page - STMicroelectronics 2N2484 Datasheet HTML 7Page - STMicroelectronics 2N2484 Datasheet HTML 8Page - STMicroelectronics 2N2484 Datasheet HTML 9Page - STMicroelectronics 2N2484 Datasheet HTML 10Page - STMicroelectronics 2N2484 Datasheet HTML 11Page - STMicroelectronics 2N2484 Datasheet HTML 12Page - STMicroelectronics 2N2484 Datasheet HTML 13Page - STMicroelectronics 2N2484 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MIL-PRF-19500/376E
10
4.4 Conformance inspection. Conformance inspection shall be in accordance with MIL-PRF-19500, and as
specified herein. If alternate screening is being performed in accordance with MIL-PRF-19500, a sample of
screened devices shall be submitted to and pass the requirements of group A1 and A2 inspection only (table VIb,
group B, subgroup 1 is not required to be performed again if group B has already been satisfied in accordance with
4.4.2).
4.4.1 Group A inspection. Group A inspection shall be conducted in accordance with MIL-PRF-19500 and table I
herein.
4.4.2 Group B inspection. Group B inspection shall be conducted in accordance with the conditions specified for
subgroup testing in table VIa (JANS) of MIL-PRF-19500 and 4.4.2.1. Electrical measurements (end-points) shall be
in accordance with group A, subgroup 2 herein. Delta requirements shall be in accordance with table III herein.
See 4.4.2.2 for JAN, JANTX, and JANTXV group B testing. Electrical measurements (end-points) and delta
requirements for JAN, JANTX, and JANTXV shall be after each step in 4.4.2.2 and shall be in accordance with
group A, subgroup 2 herein. Delta requirements shall be after each step and shall be in accordance with table III
herein.
4.4.2.1 Group B inspection, table VIa (JANS) of MIL-PRF-19500.
Subgroup Method
Condition
B4
1037
VCB = 10 V dc
B5
1027
VCB = 10 V dc; TA = +125
°C ±25°C for 96 hours with PT adjusted according to the chosen
TA to give TJ = +275
°C minimum. Optionally, the test may be conducted for
minimum 216 hours with PT adjusted to achieve TJ = 225
°C minimum, sample size (for
option) n = 45, c = 0. In this case, the ambient temperature shall be adjusted such that a
minimum 75 percent of maximum rated PT (see 1.3) is applied to the device under test.
(Note: If a failure occurs, resubmission shall be at the test conditions of the original
sample.)
4.4.2.2 Group B inspection, (JAN, JANTX, and JANTXV). Separate samples may be used for each step. In the
event of a group B failure, the manufacturer may pull a new sample at double size from either the failed assembly
lot or from another assembly lot from the same wafer lot. If the new “assembly lot” option is exercised, the failed
assembly lot shall be scrapped.
Step
Method
Condition
1
1039
Steady-state life: Test condition B, 340 hours, VCB = 10 -30 V dc, TJ = 150
°C min.,
external heating of the device under test to achieve TJ = +150
°C minimum is allowed
provided that a minimum of 75% of rated power is dissipated. No heat sink or forced-air
cooling on the devices shall be permitted. n = 45 devices, c = 0
2
1039
The steady state life test of step 1 shall be extended to 1,000 hours for each die design.
Samples shall be selected from a wafer lot every twelve months of wafer production.
Group B, step 2 shall not be required more than once for any single wafer lot. n = 45,
c = 0.
3
1032
High-temperature life (non-operating), t = 340 hours, TA = +200
°C. n = 22, c = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com