Electronic Components Datasheet Search
  English  ▼

X  

AFI-8 Datasheet(PDF) 1 Page - Bogen Communications LLC

Part # AFI-8
Description  Contractor Series Loudspeaker System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

AFI-8 Datasheet(HTML) 1 Page - Bogen Communications LLC

  AFI-8 Datasheet HTML 1Page - Bogen Communications LLC AFI-8 Datasheet HTML 2Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Driver Complement:
Low Frequency
: One Apogee 15"(381mm) neodymium magnet
cone-type driver is treated with a waterproofing compound,
providing resistance to moisture, and enabling long-term stability of
cone resonance and cone mass parameters; also treated with
Ferrofluid® for greater power handling capability, lower distortion,
and control of short-term impedance rise
High Frequency
: One Apogee 3" (76mm) voice coil, 2" (51mm) exit
horn-loaded compression driver treated with Ferrofluid® for greater
power handling capability, lower distortion, and control of short-
term impedance rise
Input Connectors:
Barrier strip, screw type #8
Compatible Processors:
AF I Main Frame Controller Chassis (using either AF I-8/-8B/-8W/-
8
WB Modules) or DLC24
Recommended Crossover (AF
I-8B only):
Contact Apogee for full technical data on other DSP-based Processors
Handles:
Two handles – one top, one bottom – designed as an integral part of
the enclosure (no moving parts)
Grille:
Highly durable, quality finish on perforated steel (aluminum on SX version)
Rigging Hardware:
Fourteen rigging points, four each on top and bottom, two each on
both sides and rear, all backed with 16-gauge steel; points can be
type 3/8"-16 or M10 thread
Finish:
Textured high-strength black or white epoxy paint; other colors optional
Enclosure Type:
30
° trapezoidal, optimally-vented bass
Cabinet Construction:
Multi-ply hardwood
Options/Accessories:
• AF I Controller Processor or DLC24 Digital Processor
• SX weather treatment for use in limited exposure enclosures
• Assorted rigging components
Contractor Series
Loudspeaker System
Engineering Data:
Description:
Format:
AF
I-8/8W
Passive/Two-way
AF
I-8B/8WB
Bi-amped/Two-way
Dispersion:
AF
I-8/8B
H:
60
° x V: 40°
AF
I-8W/8WB
H:
90
° x V: 40°
Frequency Response (1m on axis):
46
Hz to 20 kHz ± 3 dB
Max. SPL (@1m):
AF
I-8
125
dB cont./130 dB peak
AF
I-8B 125 dB cont./131 dB peak
PTML (peak transient mechanical limit):
AF
I-8
141
dB
AF
I-8B 142 dB
Sensitivity (1W @ 1m):
AF
I-8
99
dB SPL/100 Hz to 4 kHz
AF
I-8B LF: 99 dB SPL/100 Hz to 900 Hz
HF:
104
dB SPL/900 Hz to 5 kHz
Nominal Impedance:
8
ohms, each driver
Max. Power Handling:
AF
I-8
400
W cont./1600 W peak
AF
I-8B LF: 400 W cont./1600 W peak
HF:
150
W cont./600 W peak
Dimensions:
front:
20.25
"(515mm) W x 30.25"(769mm) H
rear:
13.3
"(338mm) W x 30.25"(769mm) H
depth: 15.1"(384mm)
Weight:
77
lb. (35 kg)
The AFI-8 is a fully arrayable loudspeaker
capable of filling large churches, theaters,
sports venues, and theme parks with clean,
articulate full bandwidth sound. Available with
a 60° x 40° or 90° x 40° high frequency horn
pattern insuring that the AFI-8 works
flawlessly in any room configuration. A bi-
amplified version is also available.
AF
I-8
8
W version pictured


Similar Part No. - AFI-8

ManufacturerPart #DatasheetDescription
logo
Bogen Communications LL...
AFI-115 BOGEN-AFI-115 Datasheet
324Kb / 2P
Subwoofer System
2017
AFI-118 BOGEN-AFI-118 Datasheet
286Kb / 2P
Subwoofer System
2017
AFI-1S2 BOGEN-AFI-1S2 Datasheet
469Kb / 2P
Contractor Series Loudspeaker System
2017
AFI-2S2 BOGEN-AFI-2S2 Datasheet
407Kb / 2P
Contractor Series Loudspeaker System
2006
AFI-3 BOGEN-AFI-3 Datasheet
494Kb / 2P
Contractor Series Loudspeaker System
2017
More results

Similar Description - AFI-8

ManufacturerPart #DatasheetDescription
logo
Energizer
IN421 ENERGIZER-IN421 Datasheet
123Kb / 1P
Contractor Flashlight
K220 ENERGIZER-K220 Datasheet
98Kb / 1P
Contractor Flashlight
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
LOUDSPEAKER APPLIANCES
logo
Panasonic Battery Group
LR20XWA PANASONICBATTERY-LR20XWA Datasheet
1Mb / 1P
Industrial Alkaline Contractor Packs
logo
Extech Instruments Corp...
MO280-RK EXTECH-MO280-RK Datasheet
332Kb / 1P
Restoration Contractor?셲 Kit
MO290-RK EXTECH-MO290-RK Datasheet
273Kb / 1P
Water Restoration Contractor Kit
MO290-RK1 EXTECH-MO290-RK1 Datasheet
363Kb / 1P
Water Restoration Contractor Kit
MO290-RK1-I7 EXTECH-MO290-RK1-I7 Datasheet
378Kb / 1P
Water Restoration Contractor Kit
logo
Assmann Electronics Inc...
AK-AV201-R ASSMANN-AK-AV201-R Datasheet
86Kb / 1P
CONTRACTOR RESISTACE : 2OHM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com