Electronic Components Datasheet Search
  English  ▼

X  

AFI-8 Datasheet(PDF) 2 Page - Bogen Communications LLC

Part # AFI-8
Description  Contractor Series Loudspeaker System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

AFI-8 Datasheet(HTML) 2 Page - Bogen Communications LLC

  AFI-8 Datasheet HTML 1Page - Bogen Communications LLC AFI-8 Datasheet HTML 2Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2006, 2017 Bogen Communications, Inc. 1710
Specifications subject to change without notice. 55-0056-01G
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
63 Hz
125 Hz
250 Hz
500 Hz
1,000 Hz
2,000 Hz
4,000 Hz
8,000 Hz
16,000 Hz
Measured in a free-field anechoic environment using a swept one-third octave input.
All polar measurements
obtained in a free-field
environment at 10° increments.
Polar Measurements AFI-8 (6 dB/division, normalized)
Polar Measurements AFI-8W (measurements for 63 Hz to 500 Hz are identical to the AFI-8)
Dimensional Drawings AFI-8 (dimensions in inches and millimeters)
Frequency Response AFI-8
Processor Notes:
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
1,000 Hz
2,000 Hz
4,000 Hz
8,000 Hz
16,000 Hz
The AFI Controller consists of an analog Main Frame which accepts four voicing modules.
Modules are available for each of the different AFI loudspeaker types, with two module
bays required for bi-amplified speakers.
The DLC24 Digital Loudspeaker Controller is a digital engine with an analog surface. It
combines the most advanced technology available with intuitive interfaces to provide the
key elements that ensure optimal loudspeaker system performance and management in a
variety of live sound and fixed installation applications.
The controllers provide factory-set equalization curves to smooth the response, protective
limiting, and active crossovers (for bi-amplified models and subwoofers). Barrier strip
inputs and outputs are standard on the AFI Controller. XLR inputs and outputs are
standard on the DLC24.
Hz (Frequency)
www.
bogen.com.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com