Electronic Components Datasheet Search
  English  ▼

X  

R7F100LGG3CNP Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R7F100LGG3CNP
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LGG3CNP Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R7F100LGG3CNP Datasheet HTML 60Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 61Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 62Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 63Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 64Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 65Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 66Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 67Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 64 of 145
Oct 31, 2025
1. 44- to 64-pin products with 256- to 512-Kbyte code flash memory and 80- to 100-pin products
(Notes and Remarks are listed on the next page.)
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(4/4)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Supply
current
Note 1
IDD2
Note 2
HALT mode
Subsystem clock
operation mode
fSUB = 32.768 kHzNote 3,
Low-speed on-chip oscillator
operation
TA = -40°C
0.76
3.30
µA
TA = +25°C
0.90
3.38
TA = +50°C
1.12
8.20
TA = +70°C
1.61
21.16
TA = +85°C
2.53
36.29
TA = +105°C
5.39
81.33
fSUB = 32.768 kHz,
Square wave inputNote 4
TA = -40°C
0.41
3.39
µA
TA = +25°C
0.63
4.23
TA = +50°C
0.87
9.24
TA = +70°C
1.38
22.24
TA = +85°C
2.35
38.01
TA = +105°C
5.22
83.22
fSUB = 32.768 kHz,
Resonator connectionNote 5
TA = -40°C
0.36
3.04
µA
TA = +25°C
0.50
3.32
TA = +50°C
0.72
8.19
TA = +70°C
1.22
21.12
TA = +85°C
2.11
36.33
TA = +105°C
4.92
81.12
IDD3
STOP mode
RAMSDMD = 0, RAMSDS = 0Note 6
TA = -40°C
0.24
2.20
µA
TA = +25°C
0.34
2.20
TA = +50°C
0.55
7.00
TA = +70°C
1.06
20.00
TA = +85°C
1.92
35.00
TA = +105°C
4.76
80.00
RAMSDMD = 1, RAMSDS = 1Note 7
TA = -40°C
0.23
2.20
µA
TA = +25°C
0.33
2.20
TA = +50°C
0.51
7.00
TA = +70°C
0.91
17.00
TA = +85°C
1.66
30.00
TA = +105°C
4.06
70.00
RAMSDMD = 1, RAMSDS = 1,
128-Hz realtime clock operationNote 8
TA = -40°C
0.28
2.30
µA
TA = +25°C
0.40
2.30
TA = +50°C
0.60
7.10
TA = +70°C
0.99
17.10
TA = +85°C
1.76
30.10
TA = +105°C
4.16
70.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com