Electronic Components Datasheet Search
  English  ▼

X  

R7F100LGG3CNP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R7F100LGG3CNP
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LGG3CNP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R7F100LGG3CNP Datasheet HTML 1Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 2Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 3Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 4Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 5Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 6Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 7Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 8Page - Renesas Technology Corp R7F100LGG3CNP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 148 page
background image
RL78/L23
1. Outline
R01DS0502EJ0110 Rev.1.10
Page 2 of 145
Oct 31, 2025
SNOOZE mode sequencer (SMS)
• Calculations and comparison of values by the
commands for use in processing by the
sequencer can realize intermittent operations
where the RL78/L23 does not have to return to
normal operation.
• Sequentially handling a total of 32 processes with
the use of desired commands from among 21
different ones
• The SNOOZE mode sequencer offers operation
with low power consumption without using the
CPU, flash memory, and RAM.
Logic and event link controller (ELCL)
• Event signals can be set up between specified
peripheral functions.
• The signals can be generated by the input of
multiple event signals to the logic circuit.
• Flip-flop circuits are incorporated to handle setting
and resetting functions.
Serial interface
• Simplified SPI (CSINote): 5 to 8 channels
• UART/UART (LIN-bus supported)/UARTA: 5 to 8
channels
•I2C/Simplified I2C: 8 to 10 channels
Timers
• 16-bit timer: 8 channels (with the output of remote
control signals)
• 16-bit timer RJ: 1 or 2 channels
• 16-bit timers KB40, KB41, and KB42: 1 to 3
channels (with PWM output for IH)
• 32-bit interval timer:
1 channel in 32-bit counter mode
2 channels in 16-bit counter mode
4 channels in 8-bit counter mode
• 8-bit interval timer: 4 to 8 units
• Realtime clock: 1 channel (counting of one
second to 99 years, alarm interrupt, and clock
correction)
• Watchdog timer: 1 channel (operates with the low-
speed on-chip oscillator clock)
• External signal sampler: 1 channel
• Oscillation stop detector: 1 channel
LCD controller/driver
• Internal boosting, capacitive division, and external
resistor division are switchable as methods of
generating the driving voltage.
• Number of segment signal outputs: 19 to 56
• Number of common signal outputs: 4 to 8
A/D converter
• 8-/10-/12-bit resolution
• Analog input: 8 to 13 channels
• Internal reference voltage (1.48 V (typ.)) and
temperature sensor
D/A converter
• 8-bit resolution
• Analog output: 3 channels (one of the three
interfaces is only for the internal reference voltage
for the comparator)
• Output voltage: 0 V to VDD
• Realtime output function
Comparator
• 1 or 2 channels
• Operating modes: Comparator high-speed mode
and comparator low-speed mode
• The external reference voltage and the internal
reference voltage or D/A converter output are
selectable as the reference voltage.
Capacitive sensing unit
• Operating voltage condition: VDD = 1.8 to 5.5 V
• Self-capacitance method: A single pin configures
a single key, supporting up to 36 keys
• Mutual capacitance method: Matrix configuration
with 8 × 8 pins, supporting up to 64 keys
Input/output port pins
• Number of port pins: 40 to 95
N-ch open-drain I/O (withstand voltage of 6 V): 2
to 4,
N-ch open-drain I/O (VDD withstand voltage): 24
to 57,
Controlled current drive pins: 4 to 8
• Can be set to N-ch open drain or TTL input buffer,
and use of an on-chip pull-up resistor can be
specified.
• Connectable to a device with different voltage (1.8
V, 2.5 V, or 3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com