Electronic Components Datasheet Search
  English  ▼

X  

R7F100LLL3CFB Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 72Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 73Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 74Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 75Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 76Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 77Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 78Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 79Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 76 of 145
Oct 31, 2025
2.4
AC Characteristics
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(1/2)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Instruction cycle
(minimum instruction
execution time)
TCY
Main system clock
(fMAIN) operation
HS
(high-speed main)
mode
1.8 V ≤ VDD ≤ 5.5 V
0.03125
1
µs
1.6 V ≤ VDD ≤ 1.8 V
0.25
1
µs
LS
(low-speed main)
mode
1.8 V ≤ VDD ≤ 5.5 V
0.04167
1
µs
1.6 V ≤ VDD ≤ 1.8 V
0.25
1
µs
LP
(low-power main)
mode
1.6 V ≤ VDD ≤ 5.5 V
0.5
1
µs
Subsystem clock (fSUB) operation
1.6 V ≤ VDD ≤ 5.5 V
26.041
30.5
31.3
µs
In the self
programming
mode
HS
(high-speed main)
mode
1.8 V ≤ VDD ≤ 5.5 V
0.03125
1
µs
1.6 V ≤ VDD ≤ 1.8 V
0.5
1
µs
LS
(low-speed main)
mode
1.8 V ≤ VDD ≤ 5.5 V
0.04167
1
µs
1.6 V ≤ VDD ≤ 1.8 V
0.5
1
µs
External system clock
frequency
fEX
1.8 V ≤ VDD ≤ 5.5 V
1
20
MHz
1.6 V ≤ VDD < 1.8 V
1
4
MHz
fEXS
32
38.4
kHz
External system clock
input
high-level width,
low-level width
tEXH,
tEXL
1.8 V ≤ VDD ≤ 5.5 V
24
ns
1.6 V ≤ VDD < 1.8 V
120
ns
tEXHS,
tEXLS
13.7
µs
TI00 to TI07 input
high-level width,
low-level width
tTIH,
tTIL
1/fMCK
+10
ns
Timer RJ input cycle
tC
TRJIO0, TRJIO1
2.7 V ≤ VDD < 5.5 V
100
ns
1.8 V ≤ VDD < 2.7 V
300
ns
1.6 V ≤ VDD < 1.8 V
500
ns
Timer RJ Input
high-level width,
low-level width
tTJIH,
tTJIL
TRJIO0, TRJIO1
2.7 V ≤ VDD < 5.5 V
40
ns
1.8 V ≤ VDD < 2.7 V
120
ns
1.6 V ≤ VDD < 1.8 V
200
ns
TO00 to TO07, TKBO00,
TKBO01, TKBO10,
TKBO11, TKBO20,
TKBO21, TRJIO0,
TRJIO1, TRJO0, and
TRJO1 output frequency
fTO
HS (high-speed main) mode,
LS (low-speed main) mode
4.0 V ≤ VDD ≤ 5.5 V
16
MHz
2.7 V ≤ VDD < 4.0 V
8
MHz
1.8 V ≤ VDD < 2.7 V
4
MHz
1.6 V ≤ VDD < 1.8 V
2
MHz
LP (low-power main) mode
1.6 V ≤ VDD ≤ 5.5 V
2
MHz
PCLBUZ0, PCLBUZ1
output frequency
fPCL
HS (high-speed main) mode,
LS (low-speed main) mode
4.0 V ≤ VDD ≤ 5.5 V
16
MHz
2.7 V ≤ VDD < 4.0 V
8
MHz
1.8 V ≤ VDD < 2.7 V
4
MHz
1.6 V ≤ VDD < 1.8 V
2
MHz
LP (low-power main) mode
1.6 V ≤ VDD < 5.5 V
2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com