Electronic Components Datasheet Search
  English  ▼

X  

R7F100LLL3CFB Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 92Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 93Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 94Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 95Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 96Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 97Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 98Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 99Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 96 of 145
Oct 31, 2025
In UART communications with devices operating at different voltage levels
Bit width in the UART communications with devices operating at different voltage levels (reference)
Remark 1.
Rb[Ω]: Communication line (TxDq) pull-up resistance, Cb[F]: Communication line (TxDq) load capacitance, Vb[V]:
Communication line voltage
Remark 2.
q: UART number (q = 0 to 3), g: PIM and POM number (g = 0 to 9, 12 to 14)
Remark 3.
fMCK: Serial array unit operation clock frequency
To set this operating clock, use the CKSmn bit in the serial mode register mn (SMRmn) (m: Unit number, n: Channel
number = 00 to 03, 10 to 13).
RL78
microcontroller
TxDq
RxDq
Rx
Tx
Vb
Rb
User device
Baud rate error tolerance
High-/Low-bit width
1/Transfer rate
Baud rate error tolerance
High-bit width
Low-bit width
1/Transfer rate
TxDq
RxDq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com