Electronic Components Datasheet Search
  English  ▼

X  

RX64M Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # RX64M
Description  Renesas MCUs
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX64M Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button RX64M Datasheet HTML 68Page - Renesas Technology Corp RX64M Datasheet HTML 69Page - Renesas Technology Corp RX64M Datasheet HTML 70Page - Renesas Technology Corp RX64M Datasheet HTML 71Page - Renesas Technology Corp RX64M Datasheet HTML 72Page - Renesas Technology Corp RX64M Datasheet HTML 73Page - Renesas Technology Corp RX64M Datasheet HTML 74Page - Renesas Technology Corp RX64M Datasheet HTML 75Page - Renesas Technology Corp RX64M Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 162 page
background image
R01DS0173EJ0120 Rev.1.20
Page 72 of 162
Oct 20, 2022
RX64M Group
2. Electrical Characteristics
Note:
The values are reference values when the 4-layer printed circuit board is used. Thermal resistance depends on the number of
layers and size of the board. For details, refer to the JEDEC standards.
Caution: To protect the LSI’s reliability, the output current values should not exceed the values in this table.
Note 1. This is the value when normal driving ability is set with a pin for which normal driving ability is selectable.
Note 2. This is the value when high driving ability is set with a pin for which normal driving ability is selectable or the value of the pin to
which high driving ability is fixed.
Table 2.7
Thermal Resistances (Reference)
Item
Package
Symbol
Max.
Unit
Test Conditions
Thermal resistance
PLQP0176KB-A
ja
39.4
°C/W
JESD51-2 and JESD51-7 compliant
PLQP0144KA-A
40.7
PLQP0100KB-A
41.7
PLBG0176GA-A
28.5
JESD51-2 and JESD51-9 compliant
PTLG0177KA-A
29.4
PTLG0145KA-A
29.9
PTLG0100JA-A
21.4
PLQP0176KB-A
jt
0.5
°C/W
JESD51-2 and JESD51-7 compliant
PLQP0144KA-A
0.5
PLQP0100KB-A
0.5
PLBG0176GA-A
0.2
JESD51-2 and JESD51-9 compliant
PTLG0177KA-A
0.2
PTLG0145KA-A
0.2
PTLG0100JA-A
0.2
Table 2.8
Permissible Output Currents
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Permissible output low current
(average value per pin)
All output pins*1
Normal drive
IOL
——
2.0
mA
All output pins*2
High drive
IOL
——
3.8
mA
Permissible output low current
(max. value per pin)
All output pins*1
Normal drive
IOL
——
4.0
mA
All output pins*2
High drive
IOL
——
7.6
mA
Permissible output low current (total)
Total of all output pins
ΣI
OL
——
80
mA
Permissible output high current
(average value per pin)
All output pins*1
Normal drive
IOH
—
—
–2.0
mA
USB_DPUPE pin*2
High drive
IOH
—
—
–3.8
mA
Permissible output high current
(max. value per pin)
All output pins*1
Normal drive
IOH
—
—
–4.0
mA
All output pins*2
High drive
IOH
—
—
–7.6
mA
Permissible output high current (total)
Total of all output pins
ΣI
OH
——
–80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com