Electronic Components Datasheet Search
  English  ▼

X  

RX64M Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # RX64M
Description  Renesas MCUs
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX64M Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button RX64M Datasheet HTML 14Page - Renesas Technology Corp RX64M Datasheet HTML 15Page - Renesas Technology Corp RX64M Datasheet HTML 16Page - Renesas Technology Corp RX64M Datasheet HTML 17Page - Renesas Technology Corp RX64M Datasheet HTML 18Page - Renesas Technology Corp RX64M Datasheet HTML 19Page - Renesas Technology Corp RX64M Datasheet HTML 20Page - Renesas Technology Corp RX64M Datasheet HTML 21Page - Renesas Technology Corp RX64M Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 162 page
background image
R01DS0173EJ0120 Rev.1.20
Page 18 of 162
Oct 20, 2022
RX64M Group
1. Overview
1.3
Block Diagram
Figure 1.2 shows a block diagram.
Figure 1.2
Block Diagram
AES
*1
SCIFA × 4 channels
USBA
RSPIa
MTU3a × 8 channels
GPTA × 4 channels
EPTPC
ETHERC × 2 channels
External bus
BSC
Clock
generation
circuit
RX CPU
Code flash
memory
RAM
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port A
Port B
Port C
DTCa
DMACAa ×
8 channels
ICUA
Port D
Port E
Port F
Port G
Port J
MPU
EDMACa ×
3 channels
RAM with
ECC
EXDMACa
Temperature sensor
12-bit DAC × 2 channels
RIICa × 2 channels
RTCd
CMTW × 1 channel (unit 1)
CMTW × 1 channel (unit 0)
CMT × 2 channels (unit 1)
CMT × 2 channels (unit 0)
TMRb × 2 channels (unit 1)
TMRb × 2 channels (unit 0)
PPG (unit 1)
PPG (unit 0)
TPUa × 6 channels (unit 0)
POE3a
CAN × 3 channels
USBb × 1 port
SCIh × 1 channel
SCIg × 8 channels
CRC
DOC
CAC
IWDTa
WDTA
PDC
MMCIF
SDHI
*1
QSPI
RNG
*1
Data flash memory
Standby RAM
DES
*1
SHA
*1
12-bit ADC × 21 channels (unit 1)
12-bit ADC × 8 channels (unit 0)
SRC
SSI × 2ch
ETHERC: Ethernet controller
EPTPC:
PTP controller for ethernet controller
EDMAC:
DMA controller for ethernet controller
ICUA:
Interrupt controller
DTCa:
Data transfer controller
DMACAa: DMA controller
EXDMACa: EXDMA controller
BSC:
Bus controller
WDTA:
Watchdog timer
IWDTa:
Independent watchdog timer
CRC:
CRC (cyclic redundancy check) calculator
SCI:
Serial communications interface
SCIFA:
Serial communications interface with FIFO
USBb:
USB2.0 FS host/function module
USBA:
USB2.0 FS host/function module with battery
charging
RSPIa:
Serial peripheral interface
MPU:
Memory protection unit
QSPI:
Quad serial peripheral interface
SDHI:
SD host interface*1
MMCIF:
MMC host interface
PDC:
Parallel data capture unit
CAN:
CAN module
MTU3a:
Multi-function timer pulse unit 3
POE3a:
Port output enable 3
GPTA:
General-purpose PWM timer
TPUa:
16-bit timer pulse unit
PPG:
Programmable pulse generator
TMRb:
8-bit timer
CMT:
Compare match timer
CMTW:
Compare match timer W
RTCd:
Realtime clock
RIICa:
I2C bus interface
DOC:
Data operation circuit
CAC:
Clock frequency accuracy measurement circuit
AES:
AES*1
DES:
DES*1
SHA:
SHA-256*1
RNG:
True random number generator*1
SSI:
Serial sound interface
SRC:
Sampling rate converter
Note 1. Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com