Electronic Components Datasheet Search
  English  ▼

X  

RX72N Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 162Page - Renesas Technology Corp RX72N Datasheet HTML 163Page - Renesas Technology Corp RX72N Datasheet HTML 164Page - Renesas Technology Corp RX72N Datasheet HTML 165Page - Renesas Technology Corp RX72N Datasheet HTML 166Page - Renesas Technology Corp RX72N Datasheet HTML 167Page - Renesas Technology Corp RX72N Datasheet HTML 168Page - Renesas Technology Corp RX72N Datasheet HTML 169Page - Renesas Technology Corp RX72N Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 179 page
background image
R01DS0343EJ0120 Rev.1.20
Page 166 of 179
Nov 15, 2023
RX72N Group
2. Electrical Characteristics
2.12
Flash Memory Characteristics
Note 1. Definition of reprogram/erase cycle:
The program/erase cycle is the number of erasing for each block. When the number of program/erase cycles is n, each block
can be erased n times. For instance, when 128-byte program is performed 64 times for different addresses in 8-Kbyte block and
then the block is erased, the program/erase cycle is counted as one. However, the same address cannot be programmed more
than once before the next erase cycle (overwriting is prohibited).
Note 2. Characteristics are degraded as the number of program/erase increases. This is the minimum value of program/erase cycles to
guarantee all characteristics listed in this table.
Note 3. This shows the characteristics when a self-programming library provided by Renesas Electronics or a flash programmer is used
and the program/erase cycle does not exceed the specified value.
Note 4. This result is obtained from reliability testing.
Table 2.61
Code Flash Memory Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Temperature range for programming/erasure: Ta = Topr
Item
Symbol
FCLK = 4 MHz
FCLK = 15 MHz
20 MHz ≤ FCLK ≤ 60 MHz
Unit
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time
NPEC ≤ 100 times
128 bytes
tP128
—
0.75
13.2
—
0.38
6.6
—
0.34
6
ms
8 Kbytes
tP8K
—
49
176
—
25
88
—
22
80
ms
32 Kbytes
tP32K
—
194
704
—
97
352
—
88
320
ms
Programming time
NPEC > 100 times
128 bytes
tP128
—
0.91
15.8
—
0.46
8
—
0.41
7.2
ms
8 Kbytes
tP8K
—
60
212
—30
106
—27
96
ms
32 Kbytes
tP32K
—
234
848
—
117
424
—
106
384
ms
Erasure time
NPEC ≤ 100 times
8 Kbytes
tE8K
—
78
216
—48
132
—43
120
ms
32 Kbytes
tE32K
—
283
864
—
173
528
—
157
480
ms
Erasure time
NPEC > 100 times
8 Kbytes
tE8K
—
94
260
—58
158
—52
144
ms
32 Kbytes
tE32K
—
341
1040
—
208
632
—
189
576
ms
Reprogramming/erasure cycle*1
NPEC
10000
*2
—
—
10000
*2
—
—
10000
*2
——
Times
Suspend delay time during
programming
tSPD
—
—
264
—
—
132
—
—
120
µs
First suspend delay time during
erasing
(in suspend priority mode)
tSESD1
—
—
216
—
—
132
—
—
120
µs
Second suspend delay time
during erasure
(in suspend priority mode)
tSESD2
——
1.7
——
1.7
——
1.7
ms
Suspend delay time during
erasure
(in erasure priority mode)
tSEED
——
1.7
——
1.7
——
1.7
ms
Forced stop command
tFD
——
32
——
22
——
20
µs
Data retention*3, *4
tDRP
20
—
—
20
—
—
20
—
—
Year
Ta ≤ 85°C
10
—
—
10
—
—
10
—
—
Ta ≤ 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com