Electronic Components Datasheet Search
  English  ▼

X  

RX72N Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 170Page - Renesas Technology Corp RX72N Datasheet HTML 171Page - Renesas Technology Corp RX72N Datasheet HTML 172Page - Renesas Technology Corp RX72N Datasheet HTML 173Page - Renesas Technology Corp RX72N Datasheet HTML 174Page - Renesas Technology Corp RX72N Datasheet HTML 175Page - Renesas Technology Corp RX72N Datasheet HTML 176Page - Renesas Technology Corp RX72N Datasheet HTML 177Page - Renesas Technology Corp RX72N Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 179 page
background image
R01DS0343EJ0120 Rev.1.20
Page 174 of 179
Nov 15, 2023
RX72N Group
Appendix 1. Package Dimensions
Figure D 145-Pin TFLGA (PTLG0145KA-A)
0.5
Z
E
Z
D
0.5
0.29
0.25
0.21
b
b
1
y
0.08
e
0.5
x
A
1.05
E7.0
D7.0
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
0.29
0.34
0.39
0.08
w
0.20
v
0.15
PTLG0145KA-A
145F0G
P-TFLGA145-7x7-0.50
0.1g
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
13
12
11
10
9
N
M
L
K
J
Index mark
(Laser mark)
x4
v
AB
A
B
S
AB
S
S
y
S
8
7
6
5
4
3
2
1
B
C
D
E
F
G
H
A
A
w S
ZD
A
e
D
φb1
M
φb
φ
φ
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com