Electronic Components Datasheet Search
  English  ▼

X  

RX72N Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 167Page - Renesas Technology Corp RX72N Datasheet HTML 168Page - Renesas Technology Corp RX72N Datasheet HTML 169Page - Renesas Technology Corp RX72N Datasheet HTML 170Page - Renesas Technology Corp RX72N Datasheet HTML 171Page - Renesas Technology Corp RX72N Datasheet HTML 172Page - Renesas Technology Corp RX72N Datasheet HTML 173Page - Renesas Technology Corp RX72N Datasheet HTML 174Page - Renesas Technology Corp RX72N Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 179 page
background image
R01DS0343EJ0120 Rev.1.20
Page 171 of 179
Nov 15, 2023
RX72N Group
Appendix 1. Package Dimensions
Appendix 1. Package Dimensions
Information on the latest version of the package dimensions or mountings has been displayed in “Packages” on Renesas
Electronics Corporation website.
Figure A 224-Pin LFBGA (PLBG0224GA-A)
MASS (Typ) [g]
0.4
Unit: mm
Previous Code
RENESAS Code
PLBG0224GA-A
224FHE
JEITA Package Code
D
E
A
A1
e
b
x1
x2
y
y1
n
ZD
ZE
12.9
12.9
0.30
0.40
P-LFBGA224-13x13-0.80
Min
Nom
Dimensions in millimeters
Reference
Symbol
13.0
13.0
0.35
0.80
0.45
224
0.90
0.90
13.1
13.1
1.40
0.40
0.50
0.15
0.08
0.10
0.20
Max
y CZ
S
y1 S
(ZE)
e
INDEX AREA
B
E
A
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
12 34 5 6 7 8 9 10 11 12 13 14 15
n x b
x1
S A
B
x2
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com