Electronic Components Datasheet Search
  English  ▼

X  

GL41Y Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GL41Y
Description  Surface Mount Glass Passivated Junction Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL41Y Datasheet(HTML) 1 Page - Vishay Siliconix

  GL41Y Datasheet HTML 1Page - Vishay Siliconix GL41Y Datasheet HTML 2Page - Vishay Siliconix GL41Y Datasheet HTML 3Page - Vishay Siliconix GL41Y Datasheet HTML 4Page - Vishay Siliconix GL41Y Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYM10-50 thru BYM10-1000, GL41A thru GL41Y
Vishay General Semiconductor
Document Number: 88546
Revision: 07-Apr-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Surface Mount Glass Passivated Junction Rectifier
FEATURES
• Superectifier structure for high reliability
condition
• Patented
glass-plastic
encapsulation
technique
• Ideal for automated placement
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 250 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For
use
in
general
purpose
rectification
of
power
supplies,
inverters,
converters
and
freewheeling diodes for consumer, automotive and
telecommunication.
MECHANICAL DATA
Case: DO-213AB, molded epoxy over glass body
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: Two bands indicate cathode end - 1st band
denotes device type and 2nd band denotes repetitive
peak reverse voltage rating
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
BYM-50-1000
GL41A-Y
50 V to 1000 V
50 V to 1600 V
IFSM
30 A
IR
10 µA
EAS
5 mJ
VF
1.1 V, 1.2 V
TJ max.
175 °C
Patented*
®
DO-213AB
*Glass-plastic encapsulation
is covered by
Patent No. 3,996,602,
brazed-lead assembly to
Patent No. 3,930,306
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM
10-50
BYM
10-100
BYM
10-200
BYM
10-400
BYM
10-600
BYM
10-800
BYM
10-1000
UNIT
STANDARD RECOVERY
DEVICE: 1ST BAND IS WHITE
GL41A
GL41B
GL41D
GL41G
GL41J
GL41K
GL41M
GL41T
GL41Y
Polarity color bands (2nd band)
Gray
Red
Orange
Yellow
Green
Blue
Violet
White
Brown
Maximum repetitive peak
reverse voltage
VRRM
50
100
200
400
600
800
1000
1300
1600
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
910
1120
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
1300
1600
V
Maximum average forward
rectified current (Fig. 1)
IF(AV)
1.0
A


Similar Part No. - GL41Y

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GL41Y GE-GL41Y Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GL41Y VISHAY-GL41Y Datasheet
87Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
15-Mar-11
logo
Shenzhen Luguang Electr...
GL41Y LUGUANG-GL41Y Datasheet
300Kb / 2P
Surface Mount Rectifiers
logo
Vishay Siliconix
GL41Y VISHAY-GL41Y Datasheet
101Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
Diode Semiconductor Kor...
GL41Y DSK-GL41Y Datasheet
308Kb / 2P
SURFACE MOUNT RECTIFIERS
More results

Similar Description - GL41Y

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
GOOD-ARK Electronics
GL1X GOOD-ARK-GL1X_15 Datasheet
191Kb / 3P
Surface Mount Glass Passivated Junction Rectifier
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
Surface-Mount Glass Passivated Junction Rectifier
18-May-2021
BYM10-50 VISHAY-BYM10-50_V01 Datasheet
85Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
30-Jan-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com