Electronic Components Datasheet Search
  English  ▼

X  

GL41Y Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GL41Y
Description  Surface Mount Glass Passivated Junction Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL41Y Datasheet(HTML) 3 Page - Vishay Siliconix

  GL41Y Datasheet HTML 1Page - Vishay Siliconix GL41Y Datasheet HTML 2Page - Vishay Siliconix GL41Y Datasheet HTML 3Page - Vishay Siliconix GL41Y Datasheet HTML 4Page - Vishay Siliconix GL41Y Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYM10-50 thru BYM10-1000, GL41A thru GL41Y
Vishay General Semiconductor
Document Number: 88546
Revision: 07-Apr-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
REFERRED PACKAGE
BASE QUANTITY
DELIVERY MODE
BYM10-600-E3/96
0.114
96
1500
7" diameter plastic tape and reel
BYM10-600-E3/97
0.114
97
5000
13" diameter plastic tape and reel
GL41J-E3/96
0.114
96
1500
7" diameter plastic tape and reel
GL41J-E3/97
0.114
97
5000
13" diameter plastic tape and reel
BYM10-600HE3/96 (1)
0.114
96
1500
7" diameter plastic tape and reel
BYM10-600HE3/97 (1)
0.114
97
5000
13" diameter plastic tape and reel
GL41JHE3/96 (1)
0.114
96
1500
7" diameter plastic tape and reel
GL41JHE3/97 (1)
0.114
97
5000
13" diameter plastic tape and reel
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
25
50
75
100
125
150
175
0
0.25
0.50
0.75
1.0
GL41A thru
GL41M
GL41T thru
GL41Y
60 Hz
Resistive or
Inductive Load
Terminal Temperature (°C)
1
10
100
10
5.0
15
20
25
30
GL41A thru
GL41M
0
Tj = Tj max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Maximum Non-Repetitive Peak Forward Surge Current
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
1
0.1
0.01
GL41A thru
GL41J
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
GL41K thru
GL41Y
0
20
40
60
80
100
0.01
0.1
1
10
T
J = 100 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com