Electronic Components Datasheet Search
  English  ▼

X  

P4S5G Datasheet(PDF) 1 Page - Speco Technologies.

Part # P4S5G
Description  WHU 4K IP & 4K HD-TVI Wall Mount Hybrid Video Recorder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

P4S5G Datasheet(HTML) 1 Page - Speco Technologies.

  P4S5G Datasheet HTML 1Page - Speco Technologies. P4S5G Datasheet HTML 2Page - Speco Technologies. P4S5G Datasheet HTML 3Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
D8WHU
8 Channel 4K IP, HD-TVI Hybrid Video Recorder
D16WHU 16 Channel 4K IP, HD-TVI Hybrid Video Recorder
EZ Wizards - For ease of use and setup
Camera: quickly discover and install Speco IP cameras
Setup: for quick setup of general settings
Network: network setup and port forwarding
Record: quickly setup recording resolutions and recording type
Search: quickly search for events from thumbnails
Copy: quickly copy what you are playing onto a USB flash drive
•Up to 8MP over coax (HD-TVI) and IP
•Video out: 1 HDMI, 1 VGA, 1 Main, Spot, Looping outputs
•Each channel is configurable for either IP or HD-TVI
•H.264 video compression
•Networkable with free US-Based Speco DDNS service
•Programmable recording on motion detecton, sensor, schedule,
continuous and manual modes
•Up to 40TB storage from 4 internal SATA ports
•RAID 1/5/10 support, RAID maximum capacity 16TB
•eSATA port for additional storage
•Event video upload to Google™ Drive
•Dual Gigabit Ethernet ports to separate camera and LAN traffic
•Smart (Museum) Search - Quickly search for a specific video event
without the need for motion setup
•Switch between low and high quality stream during simultaneous
continuous + motion + sensor recording modes for storage optimization
•Remote monitoring/recording/playback/configuration/software
upgrades and PTZ control via internet
WHU 4K IP & 4K HD-TVI Wall Mount
Hybrid Video Recorder
TVI
Key Features
YEAR
ARRANT
1
To preserve signal quality and distance, Speco Technologies recommends using coax with a 100% copper center conductor and at least 95% braided copper shield. 2Effective on all new purchases as of 2/1/17.
Hard drives excluded. iPhone is a trademark of Apple Inc., registered in the U.S. and other countries. Android is a trademark of Google Inc. Amazon’s trademark is used under license from Amazon.com, Inc. or
its affiliates. The terms HDMI and HDMI High-Definition Multimedia Interface, and the HDMI Logo are trademarks or registered trademarks of HDMI Licensing LLC in the United States and other countries. Speco
Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation.
Spec Rev. 4/25/22
STORAGE
2TB - 40TB
•Instant playback allows for playback of 1 channel while the rest stays in Live mode
•Plug & play feature with Speco’s IP cameras
•Signal distance up to 1600 feet1
•Mass alert notification via Twitter
•2-way audio communication via local and IP camera audio service
•HTTPS – support for third party SSL certificates.
•Built-in S.M.A.R.T. Technology (Self-Monitoring, Analysis and Reporting
Technology for HDD)
•Easy firmware upgrade by USB port or network
•Network software supports Static IP, DHCP and DDNS
•Network accessible via SpecoTech Multi-Client Software, SecureGuard® VMS,
Internet Explorer Web-Viewer and Speco Player Mobile Viewer
•PC and MAC® compatible
•IR remote control & mouse included
Additional Features
D8WHUM 8 Channel 4K IP, HD-TVI Hybrid Video Recorder with Built-In Monitor
D16WHUM 16 Channel 4K IP, HD-TVI Hybrid Video Recorder with Built-In Monitor
See last page for model
numbers
Use
With
Optional Accessories
ERS1V
Vented Rack Shelf
P24S26G
26-port Gigabit Network Switch
with 24-ports PoEand 2xSFP Uplink
IOMOD
External Alarm Box
Module
P4S5G
5 Port Gigabit Network Switch
(4 ports PoE, 1 port Uplink)
P8S9G
9 Port Gigabit Network Switch
(8 ports PoE, 1 port Uplink)
P32S36GM
36-Port Managed Gigabit Switch
with 32-ports PoE and 4xSFP Uplink


Similar Part No. - P4S5G

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
P4S5G SPECO-P4S5G Datasheet
1Mb / 2P
HU 4K IP & 4K HD-TVI Hybrid Video Recorder
4/25/22
More results

Similar Description - P4S5G

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B118004UHDWM TRIPPLITE-B118004UHDWM Datasheet
507Kb / 2P
4-Port Wall-Mountable 4K HDMI Splitter for Ultra-HD (4Kx2K) Video and Audio - 3840x2160
logo
Advantech Co., Ltd.
NVS-140 ADVANTECH-NVS-140_15 Datasheet
553Kb / 2P
Rugged IP Video Recorder with PoE Switch
NVS-150 ADVANTECH-NVS-150_14 Datasheet
451Kb / 2P
Compact IP Video Recorder with PoE Switch
logo
HiSilicon(Shanghai) Tec...
HI3519A HISILICON-HI3519A Datasheet
260Kb / 11P
V100 4K Smart IP Camera SoC
logo
Analogix Semiconductor,...
ANX7530 ANALOGIX-ANX7530 Datasheet
183Kb / 2P
SlimPort짰 (4K Ultra-HD) Receiver
logo
IOGEAR
GWKIT4K IOGEAR-GWKIT4K Datasheet
160Kb / 3P
4K Wireless HD TV Connection Kit
logo
Advantech Co., Ltd.
VEGA-1200 ADVANTECH-VEGA-1200 Datasheet
336Kb / 2P
4K SDVoE Hybrid Encoder/Recorder
14-Sep-2022
logo
Digital View Ltd
DT-4096 DIGITALVIEW-DT-4096 Datasheet
903Kb / 2P
4K Ultra-HD LCD Controller
SVX-4096-120 DIGITALVIEW-SVX-4096-120 Datasheet
992Kb / 2P
4K Ultra-HD LCD Controller
Dec 2016 v1.0
SVX-4096 DIGITALVIEW-SVX-4096 Datasheet
770Kb / 2P
4K Ultra-HD LCD Controller
April 2016 v1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com