Electronic Components Datasheet Search
  English  ▼

X  

P4S5G Datasheet(PDF) 2 Page - Speco Technologies.

Part # P4S5G
Description  WHU 4K IP & 4K HD-TVI Wall Mount Hybrid Video Recorder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

P4S5G Datasheet(HTML) 2 Page - Speco Technologies.

  P4S5G Datasheet HTML 1Page - Speco Technologies. P4S5G Datasheet HTML 2Page - Speco Technologies. P4S5G Datasheet HTML 3Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
Model
D8WHU
D16WHU
Video
Input
HD-TVI
Max. 4K (All channels)
Max. 4K (Channel 1-8)
IP Camera (H.264 only)
Max. 4K (All channels)
Max. 4K (All channels)
Max. Bitrate for Recording
5Mbps/channel
5Mbps/channel
Output
Main Monitor
VGA and HDMI (Max. 4K)
Sub Monitor
CVBS or SPOT (Selective)
HD-TVI Loop Output
8
16
Audio
Input
Local Input
8
16
Remote Input from IP Camera
8
16
Output
Local Output (RCA)
1
1
Audio Codec
G.711
I/O
Sensor In
Local Input (Terminal Block)
8
16
Remote Input from IP Camera
8
16
Alarm Output
1
1
Serial
RS-232C
None
RS-485
1
Recording
Compression
H.264
Local Resolution & Frame Rate
3840x2160 (8MP)
15fps/channel
15fps/channel
2592x1944 (5MP)
20fps/channel
20fps/channel
2688x1520 (4MP)
30fps/channel
30fps/channel
2560x1440 (QHD)
30fps/channel
30fps/channel
2304x1296 (3MP)
30fps/channel
30fps/channel
1920x1080 (2MP)
30fps/channel
30fps/channel
IP Resolution & Frame Rate
3840x2160 (8MP)
15fps/channel
15fps/channel
Recording Quality Grade
5 levels
Recording Mode
Smart / Continuous / Motion / Sensor / Schedule / Manual
Pre-Recording
Max. 20 minutes
Post Recording
Max. 60 seconds
Playback
Search
EZ Search, Motion Search, Date/Time, Event, Archive, Log
Multi-Decoding
1, 4, 8
1, 4, 9, 16
Playback Speed
x0.25, x0.5, x2, x4, x8, x16, x32, x64
Backup
Media
USB Drive, External HDD, Network
Format
AVI, Proprietary Format
Huge Backup
Yes (Max. 24 hours)
Storage
HDD
Capacity of 1 HDD
10TB
Internal HDDs
Max. 4ea (RAID 1/5/10)
e-SATA
1 (RAID 1/5/10 support), RAID Maximum Capacity 16TB
USB
Front
2
Rear
2
User I/F
Input Method
Front Buttons, IR, Mouse, Keyboard Controller
Network
Private (IP Camera, Auto Connection)
10/100/1000 Base-TX
LAN (IP Camera or Remote Access)
10/100/1000 Base-TX
Dynamic DNS
Yes (Free DDNS)
Dual Encoding for Network
Yes
Network
Access
3G Mobile
iPad / iPhone / Android
Web Viewer
Windows (IE)
PC Client
Single / Multi Client and SecureGuard VMS®
Other Viewing Platforms
Apple TV and Amazon Fire TV
Remote Setup and Upgrade
Yes
Streaming
Local Channel
640x360@30fps/channel, 320x180@30fps/channel
IP Channel
Relay of the IP Camera’s Sub-stream
Features
Digital Zoom
Yes
DLS (Daylight Savings)
Yes
NTP (Network Time Protocol)
Yes
S.M.A.R.T
Yes
Internal Beep
Yes
Multi-Language
Yes
e-mail Notification
Yes
Power Source
Power Supply
12VDC, 5A
12VDC, 6.67A
Temperature
Operation
41° F ~ 104° F (5° C ~ 40° C)
Storage
14° F ~ 122° F (-10° C ~ 50° C)
Humidity
Operation
20%~80% (Non-condensing)
Dimensions
Unit Dimensions (W x H x D)
16” (W) x 19” (H) x 3.5” (D) (380mm x 72mm x 340mm)
Please note that specifications and unit exterior design are subject to change without notification. Rev. 4/25/22
Technical Specifications:
WHU 4K IP & 4K HD-TVI Wall Mount Hybrid Video Recorder



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com