Electronic Components Datasheet Search
  English  ▼

X  

MAX6693 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6693
Description  7-Channel Precision Temperature Monitor with Beta Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6693 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6693 Datasheet HTML 9Page - Maxim Integrated Products MAX6693 Datasheet HTML 10Page - Maxim Integrated Products MAX6693 Datasheet HTML 11Page - Maxim Integrated Products MAX6693 Datasheet HTML 12Page - Maxim Integrated Products MAX6693 Datasheet HTML 13Page - Maxim Integrated Products MAX6693 Datasheet HTML 14Page - Maxim Integrated Products MAX6693 Datasheet HTML 15Page - Maxim Integrated Products MAX6693 Datasheet HTML 16Page - Maxim Integrated Products MAX6693 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
7-Channel Precision Temperature Monitor
with Beta Compensation
______________________________________________________________________________________
13
tion exists, but the ALERT output reasserts at the end of
the next conversion. The bits indicating the fault for the
OVERT interrupt output clear only on reading the status 2
register even if the fault conditions still exist. Reading the
status 2 register does not clear the OVERT interrupt out-
put. To eliminate the fault condition, either the measured
temperature must drop below the temperature threshold
minus the hysteresis value (4°C), or the trip temperature
must be set at least 4°C above the current temperature.
Applications Information
Remote-Diode Selection
The MAX6693 directly measures the die temperature of
CPUs and other ICs that have on-chip temperature-
sensing diodes (see the
Typical Application Circuit) or
it can measure the temperature of a discrete diode-
connected transistor.
Effect of Ideality Factor
The accuracy of the remote temperature measure-
ments depends on the ideality factor (n) of the remote
“diode” (actually a transistor). The MAX6693 is opti-
mized for n = 1.006 (channel 1) and n = 1.008 (chan-
nels 2–6). A thermal diode on the substrate of an IC is
normally a pnp with the base and emitter brought out to
the collector (diode connection) grounded. DXP_ must
be connected to the anode (emitter) and DXN_ must be
connected to the cathode (base) of this pnp. If a sense
transistor with an ideality factor other than 1.006 or
1.008 is used, the output data is different from the data
obtained with the optimum ideality factor. Fortunately,
the difference is predictable. Assume a remote-diode
sensor designed for a nominal ideality factor nNOMINAL
is used to measure the temperature of a diode with a
different ideality factor n1. The measured temperature
TM can be corrected using:
BIT
NAME
POR
STATE
FUNCTION
7 (MSB)
STOP
0
Standby-Mode Control Bit. If STOP is set to logic 1, the MAX6693 stops
converting and enters standby mode.
6
POR
0
Reset Bit. Set to logic 1 to put the device into its power-on state. This bit is self-
clearing.
5
TIMEOUT
0
Timeout Enable Bit. Set to logic 0 to enable SMBus timeout.
4
RESERVED
0
Reserved. Must set to 0.
3
Resistance
cancellation
1
Resistance Cancellation Bit. When set to logic 1, the MAX6693 cancels series
resistance in the channel 1 thermal diode.
2
Beta compensation
1
Beta Compensation Bit. When set to logic 1, the MAX6693 compensates for low
beta in the channel 1 thermal sensing transistor.
1
Reserved
0
—
0
Reserved
0
—
Table 4. Configuration 1 Register
Table 5. Configuration 2 Register
BIT
NAME
POR
STATE
FUNCTION
7 (MSB)
Reserved
0
—
6
Mask Local ALERT
0
Local Alert Mask. Set to logic 1 to mask local channel
ALERT.
5
Mask ALERT 6
0
Channel 6 Alert Mask. Set to logic 1 to mask channel 6
ALERT.
4
Mask ALERT 5
0
Channel 5 Alert Mask. Set to logic 1 to mask channel 5
ALERT.
3
Mask ALERT 4
0
Channel 4 Alert Mask. Set to logic 1 to mask channel 4
ALERT.
2
Mask ALERT 3
0
Channel 3 Alert Mask. Set to logic 1 to mask channel 3
ALERT.
1
Mask ALERT 2
0
Channel 2 Alert Mask. Set to logic 1 to mask channel 2
ALERT.
0
Mask ALERT 1
0
Channel 1 Alert Mask. Set to logic 1 to mask channel 1
ALERT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com