Electronic Components Datasheet Search
  English  ▼

X  

MAX6693 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6693
Description  7-Channel Precision Temperature Monitor with Beta Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6693 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6693 Datasheet HTML 1Page - Maxim Integrated Products MAX6693 Datasheet HTML 2Page - Maxim Integrated Products MAX6693 Datasheet HTML 3Page - Maxim Integrated Products MAX6693 Datasheet HTML 4Page - Maxim Integrated Products MAX6693 Datasheet HTML 5Page - Maxim Integrated Products MAX6693 Datasheet HTML 6Page - Maxim Integrated Products MAX6693 Datasheet HTML 7Page - Maxim Integrated Products MAX6693 Datasheet HTML 8Page - Maxim Integrated Products MAX6693 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
7-Channel Precision Temperature Monitor
with Beta Compensation
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, SMBCLK, SMBDATA, ALERT, OVERT,
STBY to GND ....................................................-0.3V to +6.0V
DXP_ to GND..............................................-0.3V to (VCC + 0.3V)
DXN_ to GND ........................................................-0.3V to +0.8V
SMBDATA, ALERT, OVERT Current....................-1mA to +50mA
DXN_ Current......................................................................±1mA
Continuous Power Dissipation (TA = +70°C)
20-Pin TSSOP
(derate 13.6mW/°C above +70°C) .............................1084mW
Junction-to-Case Thermal Resistance (
θJC) (Note 1)
20-Pin TSSOP...............................................................20°C/W
Junction-to-Ambient Thermal Resistance (
θJA) (Note 1)
20-Pin TSSOP............................................................73.8°C/W
ESD Protection (all pins, Human Body Model) ....................±2kV
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, VSTBY = VCC, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V and TA =
+25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
3.6
V
Software Standby Supply Current
ISS
SMBus static
3
10
µA
Operating Current
ICC
During conversion (Note 3)
500
2000
µA
Channel 1 only
11
Temperature Resolution
Other diode channels
8
Bits
TA = TRJ = +60°C to +100°C
-1.5
+1.5
3
σ Temperature Accuracy
(Remote Channel 1)
VCC = 3.3V,
ß = 0.5
TA = TRJ = 0°C to +125°C
-2.375
+2.375
°C
TA = TRJ = +60°C to +100°C
-2
+2
3
σ Temperature Accuracy
(Remote Channels 2–6)
VCC = 3.3V
TA = TRJ = 0°C to +125°C
-2.5
+2.5
°C
TA = +60°C to +100°C
-2
+2
3
σ Temperature Accuracy
(Local)
VCC = 3.3V
TA = 0°C to +125°C
-2.5
+2.5
°C
TA = TRJ = +60°C to +100°C
-3
+3
6
σ Temperature Accuracy
(Remote Channel 1)
VCC = 3.3V,
ß = 0.5
TA = TRJ = 0°C to +125°C
-4
+4
°C
TA = TRJ = +60°C to +100°C
-3
+3
6
σ Temperature Accuracy
(Remote Channels 2–6)
VCC = 3.3V
TA = TRJ = 0°C to +125°C
-3.5
+3.5
°C
TA = +60°C to +100°C
-2.5
+2.5
6
σ Temperature Accuracy
(Local)
VCC = 3.3V
TA = 0°C to +125°C
-3
+3
°C
Supply Sensitivity of Temperature
Accuracy
±0.2
oC/V
Remote Channel 1 Conversion
Time
tCONV1
190
250
312
ms
Remote Channels 2–6
Conversion Time
tCONV_
95
125
156
ms
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com