Electronic Components Datasheet Search
  English  ▼

X  

RNBD350 Datasheet(PDF) 8 Page - Microchip Technology

Part # RNBD350
Description  RNBD350 Bluetooth® Low Energy Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD350 Datasheet(HTML) 8 Page - Microchip Technology

Back Button RNBD350 Datasheet HTML 4Page - Microchip Technology RNBD350 Datasheet HTML 5Page - Microchip Technology RNBD350 Datasheet HTML 6Page - Microchip Technology RNBD350 Datasheet HTML 7Page - Microchip Technology RNBD350 Datasheet HTML 8Page - Microchip Technology RNBD350 Datasheet HTML 9Page - Microchip Technology RNBD350 Datasheet HTML 10Page - Microchip Technology RNBD350 Datasheet HTML 11Page - Microchip Technology RNBD350 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
RNBD350
Device Overview
 Data Sheet
© 2024–2026 Microchip Technology Inc. and its subsidiaries
DS70005561C - 8
Figure 3-2. Pin Diagram – RNBD350 Module
GND
1
2 NMCLR
VDD_A
4
GND
8
PA12
7
GND
5
PA11
6
PB5
9
PA3
10
GND 21
PA9 22
PA10 23
PA8 24
PA7 25
NC 26
GND 27
U 1
EP_PAD
RNBD350
3 PA4
28
NC
31
EP_PAD
29
NC
30
NC
Note: Ensure the exposed thermal pad (EP_PAD) on the bottom of the module is connected to
ground in the PCB.
Table 3-1. Pinout and Signal Descriptions List
Pin#
RNBD350 Module Pin
RNBD350 Pin Definition
Type
1
GND
Ground
—
2
NMCLR
Reset
—
3
PA4
UART Request to Send (RTS)
O
4
VDD_A
AVDD Power Supply Input
—
5
GND
Ground
—
6
PA11/SOSCI
Reserved. No Connect
—
7
PA12/SOSCO
Reserved. No Connect
—
8
Ground
GND
—
9
PB5(1)
Bluetooth® status LED
O
10
PA3(1)
PTA control (BT_ACTIVE)
O
11
PB4(1)
UART transmit indication pin
O
12
PB6
UART receive data
I
13
PB8(1)
Bluetooth Low Energy status indication pin 2/2
O
14
PB9
UART receive indication pin/RNBD350 wake-up pin Low-power
mode
I
15
PB7
Dedicated ADC pin for Host MCU to query ADC value
I
16
VDD
VDD power supply input
—
17
VDD
VDD power supply input
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com