Electronic Components Datasheet Search
  English  ▼

X  

ST-SSMC Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ST-SSMC
Description  ST-SSMC DATA SHEET SSMC Fixed Torque Wrench in Click Type 5/32 inch Bit that is Pre-set to 2 in-lbs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

ST-SSMC Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ST-SSMC Datasheet HTML 1Page - Infinite Electronics International, Inc. ST-SSMC Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REV 2.2 Page 1 of 2
Copyright © 2018
Fairview Microwave’s SSMC torque wrench, part number ST-SSMC, is a 5/32 bit
click type that is preset to 2 in-lbs and designed to use with SSMC connectors.
This click type SSMC torque wrench allows accurate mating force when assembling
and disassembling a variety of RF coaxial connectors. The unique feature of click
type RF wrenches is that once the preset torque value is reached, they will “click”
which can be heard and felt, followed by a slight bend at the head, alerting to
the user to stop applying torque on the connector. Fairview Microwave’s click type
SSMC torque wrenches are in-stock and also available for a wide variety of other
RF connectors, all of which ship the same day.
Configuration
Torque Type
Fixed
Design Type
Click
Hex Size
5/32 in
Torque Setting
2 in-lbs [0.23 Nm]
Torque Accuracy Percentage
±4 %
Size
Length
7.015 in [178.18 mm]
Handle Diameter
0.688 in [17.48 mm]
.
Weight
0.3695 lbs [167.6 g]
Handle Color
Red
Compliance Certifications (see product page for current document)
Notes:
• Do not use on damaged connectors.
• To improve performance of a wrench that hasn’t been used recently, actu-
ate the wrench by clicking the wrench head back and forth several times
before use. This will spread the lubricant through the internal mechanism.
• Click type tools require smooth consistent application of force. Each torqu-
ing action should be completed within 2 seconds. Slower or faster torquing
action will detract from accuracy.
SSMC Fixed Torque Wrench in Click Type 5/32 inch Bit that is Pre-set to 2 in-lbs
from Fairview Microwave is in-stock and available to ship same-day. All of our RF/
microwave products are available off-the-shelf from our ISO 9001:2008 certified
facilities in Allen, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: SSMC
Fixed Torque Wrench in Click Type 5/32 inch Bit that is Pre-set to 2 in-lbs ST-SSMC
URL: https://www.fairviewmicrowave.com/ssmc-fixed-torque-wrench-click-st-
ssmc-p.aspx
ST-SSMC
DATA SHEET
SSMC Fixed Torque Wrench in Click Type 5/32 inch
Bit that is Pre-set to 2 in-lbs
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Designed for continual use
• Torque wrench will “click” once
preset torque value is achieved
• Designed to avoid over torque
Applications:
• Attaching test cables in
lab environments
• Final production
attachment of product
• Field install and testing
applications
• Anytime accurate
torque is needed while
avoiding over-torque


Similar Part No. - ST-SSMC

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST-SSMC-532-BO2 FAIRVIEW-ST-SSMC-532-BO2 Datasheet
451Kb / 2P
SSMC Fixed Torque Wrench in Break-Over Type 5/32 inch Bit that is Pre-set to 2 in-lbs
REV 1.4
ST-SSMC1 FAIRVIEW-ST-SSMC1 Datasheet
380Kb / 2P
ST-SSMC1 DATA SHEET SSMC Fixed Torque Wrench in Click Type 5/32 inch Bit that is Pre-set to 2 in-lbs
REV 2.1
ST-SSMC2 FAIRVIEW-ST-SSMC2 Datasheet
490Kb / 2P
SSMC Fixed Torque Wrench in Screwdriver Type 5/32 inch Bit that is Pre-set to 2 in-lbs
REV 1.2A
More results

Similar Description - ST-SSMC

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5011-1 PASTERNACK-PE5011-1 Datasheet
220Kb / 1P
PRESET TORQUE WRENCH USE FOR SMA, 2,9mm AND 3,5mm 8 IN LBS HEX SIZE 5/16
PE5011-4 PASTERNACK-PE5011-4 Datasheet
73Kb / 1P
PRESET TORQUE WRENCH USE FIR TNC(HEX NUT), 14 IN LBS, HEX SIZ 5/8
PE5011-5 PASTERNACK-PE5011-5 Datasheet
217Kb / 1P
PRESET TORQUE WRENCH USE FOR SSMA, 8 IN, LBS HEX SIZE 1/4
PE5011-7 PASTERNACK-PE5011-7 Datasheet
181Kb / 1P
PRESET TORQUE WRENCH USE FOR N 14 IN,LBS HEX SIZE 20mm
PE5019-6 PASTERNACK-PE5019-6 Datasheet
252Kb / 2P
Break-Over Torque Wrench With 25/32 Bit
PE5019-12 PASTERNACK-PE5019-12 Datasheet
247Kb / 2P
Break-Over Torque Wrench With 5/32 Bit
PE91434 PASTERNACK-PE91434 Datasheet
437Kb / 4P
SSMC Plug to SSMC Jack Adapter
PE91436 PASTERNACK-PE91436 Datasheet
442Kb / 4P
SSMC Plug to SSMC Plug Adapter
logo
Mallory Sonalert Produc...
SCE028XD2SP1B MSPI-SCE028XD2SP1B Datasheet
54Kb / 1P
Used to attach part to panel. The max recommended torque is 10 in-lbs.
SCE120LA3CTB MSPI-SCE120LA3CTB Datasheet
55Kb / 1P
Used to attach part to panel. The max recommended torque is 10 in-lbs.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com