Electronic Components Datasheet Search
  English  ▼

X  

ST-SSMC Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # ST-SSMC
Description  ST-SSMC DATA SHEET SSMC Fixed Torque Wrench in Click Type 5/32 inch Bit that is Pre-set to 2 in-lbs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

ST-SSMC Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  ST-SSMC Datasheet HTML 1Page - Infinite Electronics International, Inc. ST-SSMC Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 2.2 Page 2 of 2
ST-SSMC
TITLE
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
3. DIMENSIONS ARE IN INCHES [mm].
CAD FILE
051815
SCALE N/A
SIZE A
5568
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
DWG NO
CAGE CODE
3FKR5
SHEET
FAIRVIEW MICROWAVE
5.19" [131.82] REF.
Ø 0.69"
[17.53]
CLICK
CLICK
ST-SSMC
DATA SHEET
SSMC Fixed Torque Wrench in Click Type 5/32 inch Bit
that is Pre-set to 2 in-lbs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com