Electronic Components Datasheet Search
  English  ▼

X  

KB852 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KB852
Description  PHOTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB852 Datasheet(HTML) 2 Page - Kingbright Corporation

  KB852 Datasheet HTML 1Page - Kingbright Corporation KB852 Datasheet HTML 2Page - Kingbright Corporation KB852 Datasheet HTML 3Page - Kingbright Corporation KB852 Datasheet HTML 4Page - Kingbright Corporation KB852 Datasheet HTML 5Page - Kingbright Corporation KB852 Datasheet HTML 6Page - Kingbright Corporation KB852 Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PHOTOCOUPLER
KB852Series
SPEC NO: DSAD2706
REV NO: V.2
DATE: NOV/20/2004
PAGE: 2 OF 7
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.CHENG
****Absolute Maximum Ratings (Ta=25
°°°°CCCC))))
****Electro-optical Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Input
Forward voltage
VF
IF=10mA
-
1.2
1.4
Peak forward voltage
VFM
IFM=0.5A
-
-
3.0
Reverse current
IR
VR=4V
-
-
10
Output
Collector dark current
ICEO
Vce=200V IF=0
-
-
10
-7
Transfer
charact-
eristics
Current transfer ration
CTR
IF=1mA Vce=2V
1000
4000
15000
Collector-emitter saturation voltage
VCE (sat)
IF=20mA IC=100mA
-
-
1.2
Response
time
Rise time
tr
tr
-
100
300
Fall time
20
100
Vce=2V IC=20mA
RL=1000
Ω
Unit
V
V
uA
A
%
V
uS
uS
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
VR
6
V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
VCEO
350
V
Emitter-collector voltage
VECO
0.1
V
Collector current
IC
150
mA
Collector power dissipation
PC
150
mW
Total power dissipation
P tot
200
mW
*1 Isolation voltage
V iso
5000
Vrms
Operating temperature
T opr
-30 to +100
°C
Storage temperature
T stg
-55 to +125
°C
T sol
260
°C
*2 Soldering temperature
*1 40 to 60%RH, AC for1 minute.
*2 For 10 seconds.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com