Electronic Components Datasheet Search
  English  ▼

X  

KB852 Datasheet(PDF) 5 Page - Kingbright Corporation

Part # KB852
Description  PHOTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB852 Datasheet(HTML) 5 Page - Kingbright Corporation

  KB852 Datasheet HTML 1Page - Kingbright Corporation KB852 Datasheet HTML 2Page - Kingbright Corporation KB852 Datasheet HTML 3Page - Kingbright Corporation KB852 Datasheet HTML 4Page - Kingbright Corporation KB852 Datasheet HTML 5Page - Kingbright Corporation KB852 Datasheet HTML 6Page - Kingbright Corporation KB852 Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PHOTOCOUPLER
KB852Series
SPEC NO: DSAD2706
REV NO: V.2
DATE: NOV/20/2004
PAGE: 5 OF 7
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.CHENG
Fig. 9 Collector-emitter Saturation
Voltage vs. Forward Current
Be aware that power is suddenly into the componment any surge current may cause damage happen,
even if the voltage is within the absolute maximum ratings.
1.Recommended soldering conditions (Dip soldering)
2.Cautions regarding noise
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
* NOTES ON HANDLING
(2) Cautions
Fluxes
Flux
Cycle
Temperature
(1) Dip soldering
Time
Rosin flux containing small amount of chlorine
(The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
One cycle allowed to be dipped in solder including plastic mold portion.
Less than 10 seconds.
260°C or below (molten solder temperature)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com