Electronic Components Datasheet Search
  English  ▼

X  

LB-A673 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LB-A673
Description  SIDELED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-A673 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LB-A673 Datasheet HTML 6Page - ams-OSRAM AG LB-A673 Datasheet HTML 7Page - ams-OSRAM AG LB-A673 Datasheet HTML 8Page - ams-OSRAM AG LB-A673 Datasheet HTML 9Page - ams-OSRAM AG LB-A673 Datasheet HTML 10Page - ams-OSRAM AG LB-A673 Datasheet HTML 11Page - ams-OSRAM AG LB-A673 Datasheet HTML 12Page - ams-OSRAM AG LB-A673 Datasheet HTML 13Page - ams-OSRAM AG LB-A673 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LB A673
DATASHEET
DATASHEET
10 | Version 1.6 | 2022-08-03
Forward Voltage 7)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 10 mA
LB A673
-40-20
020406080
100
Tj [°C]
-0,2
0,0
0,2
0,4
∆VF [V]
:blue
Relative Luminous Intensity 7)
I
v/Iv(25 °C) = f(Tj); IF = 10 mA
LB A673
-40-20
020406080
100
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Iv
Iv(25°C)
:blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com