Electronic Components Datasheet Search
  English  ▼

X  

ST7LCRE4U1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST7LCRE4U1
Description  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRE4U1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST7LCRE4U1 Datasheet HTML 2Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 3Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 4Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 5Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 6Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 7Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 8Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 9Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ST7LCR
6/29
Figure 1.
ST7LCR block diagram
8-bit CORE
ALU
OSCIN
OSCOUT
4MHz
RAM
(512 bytes)
PROGRAM
(16 Kbytes)
MEMORY
8-bit TIMER
LVD
USBDP
USBDM
USBVCC
SUPPLY
MANAGER
PLL
OSCILLATOR
USB
USB
DATA
BUFFER
(256 bytes)
DIVIDER
8 MHz
3/1.8 V Vreg
DC/DC
CRDDET
CRDIO
C4
C8
CRDRST
CRDCLK
ISO7816 UART
CONVERTER
CRDVCC
or 4 MHz
48 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com