Electronic Components Datasheet Search
  English  ▼

X  

ST7LCRE4U1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST7LCRE4U1
Description  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRE4U1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST7LCRE4U1 Datasheet HTML 5Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 6Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 7Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 8Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 9Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 10Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 11Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 12Page - STMicroelectronics ST7LCRE4U1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ST7LCR
9/29
Figure 3.
Smartcard interface reference application - VFQFPN24 pin block diagram
1.
Mandatory values for the external components:
C1 = 4.7 µF, C2 = 100 nF. C1 and C2 must be located close to the chip.
C3 = 1 nF
C4 = 4.7 µF, ESR = 0.5
Ω
C5 = 470 pF
C6 =100 pF
R = 1.5 k
Ω
L1 = 10 µH, 2
Ω
Crystal 4.0 MHz, maximum impedance = 100
Ω
Cl1, Cl2 (refer Section 4.4.3: Crystal resonator oscillators).
D1: BAT42 Shottky
VDD
CL1
CL2
C4
C5
C6
R
C2
D+
D-
4
3
5
6
7
8
11
12
13
14
15
16
17
18
19
20
21
22
2
1
23
24
910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com