Electronic Components Datasheet Search
  English  ▼

X  

UCS1 Datasheet(PDF) 2 Page - YORKVILLE

Part # UCS1
Description  Horn Loaded Subwoofer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

UCS1 Datasheet(HTML) 2 Page - YORKVILLE

  UCS1 Datasheet HTML 1Page - YORKVILLE UCS1 Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
yorkville.com
Specifications
System Type
Horn Loaded Subwoofer
Active or Passive
Passive
Program Power (Watts)
1200 watts (2400 Watts Peak)
Nominal Impedance (Ohms)
8
Sensitivity (dB @1Watt/1m)
102
Max SPL (dB)
137dB Peak (133dB Continuous)
Frequency Response (Hz +/- 3dB)
37 - 150
LF Driver(s)
15 inch, Ceramic Magnet, 3 inch voicecoil
LF Impedance (Ohms)
8
Inputs - 1/4" Jacks
2
Inputs - Speakon 4-pin
2
Other Controls / Features
Speakon™ connectors feature a configuration switch which allows instant reversal of
Speakon™ jack pinouts for easy single wire hook-up using optional four wire Speakon™ cables
Corners
Black Steel
Wheels
2 Rear
Bar Handles
2 Top, 2 Side
Pole Mount Adapter (1 3/8"-3.5cm)
Yes - Top
Enclosure Materials
15mm (5/8inch) 11-ply Russian Birch
Grille
Heavy gauge perforated metal
Covering / Finish
Black Ozite (Carpet)
Optional Covering / Finishes
Black Ultrathane Paint (UCS1B)
Dimensions (DWH xbackW, inches)
26.25 x 19.25 x 41
Dimensions (DWH xbackW, cm)
67 x 49 x 104
Weight (lbs/kg)
116.4 / 52.8
Specifications subject to change without notice
UCS1
unity
Passive Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com