Electronic Components Datasheet Search
  English  ▼

X  

UCS1 Datasheet(PDF) 1 Page - YORKVILLE

Part # UCS1
Description  Horn Loaded Subwoofer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

UCS1 Datasheet(HTML) 1 Page - YORKVILLE

  UCS1 Datasheet HTML 1Page - YORKVILLE UCS1 Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UCS1
Overview
The UCS1 was designed for use with the Unity™ U15 or U215
loudspeaker systems and is the ideal passive subwoofer to match their
acoustic parameters. But as with all Yorkville subs, the UCS1 can be
employed with any full-range enclosure, especially those with
high output.
This 1200-watt, 8-ohm "earth mover" takes full advantage of its
horn-loaded design to deliver fierce bottom end from a surprisingly
compact, single 15-inch-loaded passive subwoofer. The level of
performance UCS1 delivers from a box this manageable in size is the
direct result of outstanding loudspeaker cabinet design. Optimized
horn flare geometry, careful attention to the front and rear internal
chamber dimensions, as well as the use of a high performance long
excursion 15-inch driver, gives the UCS1 surprisingly high output
volume and deep, extended bass response. All this in an enclosure
occupying only a total volume of just over 11 cubic feet.
The UCS1 is constructed from solid 15mm 11-ply birch and features a
heavy gauge perforated metal grill , integrated tilt-back wheels and
four strategically placed bar handles to make moving and stacking the
UCS1 as easy as it can possibly be for a subwoofer in this class.
The UCS1 comes in a black carpet covering to mate with the U15 and
U215, or is available in a black painted Ultrathane finish (UCS1B) for
use with the Ultrathane painted versions of the Unity™ loudspeakers.
(U15B and U215B).
Covering / Finish
Black Ozite (Carpet)
Optional Covering / Finishes Black Ultrathane Paint (UCS1B)
Features
• 2400 Watt 15-inch Horn-Loaded Subwoofer (1200 Watts Program)
• Max SPL 137dB Peak (133dB Continuous)
• 15-inch long excursion 8-ohm driver
• Compact size (11.1 cubic feet)
• Solid 15mm 11-ply birch plywood cabinet
• Heavy gauge perforated metal grille
• Built in heavy duty casters and tiltback handle
• Made in Canada
yorkville.com
unity
Passive Series


Similar Part No. - UCS1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
UCS1001-1-BP-TR MICROCHIP-UCS1001-1-BP-TR Datasheet
860Kb / 59P
USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
UCS1001-2-BP-TR MICROCHIP-UCS1001-2-BP-TR Datasheet
860Kb / 59P
USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
More results

Similar Description - UCS1

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2350 PTC-PT2350 Datasheet
64Kb / 4P
Tone Control Subwoofer Low Pass Filter IC
logo
New Japan Radio
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1176 NJRC-NJW1176 Datasheet
254Kb / 27P
AUDIO PROCESSOR with Subwoofer Output
NJW1163 NJRC-NJW1163 Datasheet
241Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1166 NJRC-NJW1166 Datasheet
245Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
NJW1167 NJRC-NJW1167 Datasheet
249Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
logo
List of Unclassifed Man...
KSC-WA100 ETC1-KSC-WA100 Datasheet
61Kb / 1P
AKTIVER SUBWOOFER
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Princeton Technology Co...
PT2348 PTC-PT2348 Datasheet
235Kb / 5P
4.1-Channel Audio Processor with Subwoofer
logo
Pasternack Enterprises,...
PE9881-24 PASTERNACK-PE9881-24 Datasheet
277Kb / 2P
Horn Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com