| Electronic Components Datasheet Search |
|
PCF8534A Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534A Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 41 page ![]() PCF8534A_0 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 00.90 — 4 February 2008 8 of 41 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates All of the display configurations given in Table 4 can be implemented in the typical system shown in Figure 4. The host microprocessor / microcontroller maintains the 2-line I2C-bus communication channel with the PCF8534A. The internal oscillator is selected by connecting pin OSC to VSS. The appropriate biasing voltages for the multiplexed LCD waveforms are generated internally. The only other connections required to complete the system are the power supplies (VDD, VSS and VLCD) and the LCD panel selected for the application. 7.1 Power-on reset At power on the PCF8534A resets to a starting condition as follows: 1. All backplane outputs are set to VLCD. 2. All segment outputs are set to VLCD. 3. The drive mode ‘1 : 4 multiplex with 1 ⁄3 bias’ is selected. 4. Blinking is switched off. 5. Input and output bank selectors are reset. 6. The I2C-bus interface is initialized. 7. The data pointer and the subaddress counter are cleared. 8. Display disabled. Table 4. Selection of display configurations Number of 7 segment numeric 14 segment numeric Dot matrix Backplanes Segments Digits Indicator symbols Characters Indicator symbols 4 240 30 30 16 16 240 (4 × 60) 3 180 22 26 12 12 180 (3 × 60) 2 120 15 15 8 8 120 (2 × 60) 160 7 11 44 60 (1 × 60) Fig 4. Typical system configuration HOST MICRO- PROCESSOR/ MICRO- CONTROLLER R tr 2CB SDA SCL OSC 60 segment drives 4 backplanes LCD PANEL (up to 240 elements) PCF8534A A0 A1 A2 SA0 VDD VSS VSS VDD VLCD MGL744_04 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |