Electronic Components Datasheet Search
  English  ▼

X  

PCF8534A Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8534A
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8534A Datasheet HTML 12Page - NXP Semiconductors PCF8534A Datasheet HTML 13Page - NXP Semiconductors PCF8534A Datasheet HTML 14Page - NXP Semiconductors PCF8534A Datasheet HTML 15Page - NXP Semiconductors PCF8534A Datasheet HTML 16Page - NXP Semiconductors PCF8534A Datasheet HTML 17Page - NXP Semiconductors PCF8534A Datasheet HTML 18Page - NXP Semiconductors PCF8534A Datasheet HTML 19Page - NXP Semiconductors PCF8534A Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
PCF8534A_0
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 00.90 — 4 February 2008
16 of 41
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
• In the 1:2 multiplex drive mode BP0 and BP2, BP1 and BP3 respectively carry the
same signals and may also be paired to increase the drive capabilities.
• In the static drive mode the same signal is carried by all four backplane outputs and
they can be connected in parallel for very high drive requirements.
7.10 Display RAM
The display RAM is a static 60
× 4-bit RAM which stores LCD data. A logic 1 in the RAM
bit map indicates the on-state of the corresponding LCD segment; similarly, a logic 0
indicates the off-state. There is a one-to-one correspondence between the RAM
addresses and the segment outputs, and between the individual bits of a RAM word and
the backplane outputs. The first RAM column corresponds to the 60 segments operated
with respect to backplane BP0 (see Figure 10). In multiplexed LCD applications the
segment data of the second, third and fourth column of the display RAM are
time-multiplexed with BP1, BP2 and BP3 respectively.
When display data is transmitted to the PCF8534A the display bytes received are stored
in the display RAM in accordance with the selected LCD drive mode. The data is stored as
it arrives and does not wait for the acknowledge cycle as with the commands. Depending
on the current MUX mode data is stored singularly, in pairs, triplets or quadruplets. e.g. in
1:2 MUX mode the RAM data is stored every second bit. To illustrate the filling order, an
example of a 7-segment numeric display showing all drive modes is given in Figure 11;
the RAM filling organization depicted applies equally to other LCD types. With reference
to Figure 11, in the static drive mode the eight transmitted data bits are placed in bit 0 of
eight successive display RAM addresses. In the 1:2 multiplex drive mode the eight
transmitted data bits are placed in bits 0 and 1 of four successive display RAM addresses.
In the 1:3 multiplex drive mode these bits are placed in bits 0, 1 and 2 of three successive
addresses, with bit 2 of the third address left unchanged. This last bit may, if necessary,
be controlled by an additional transfer to this address but care should be taken to avoid
overriding adjacent data because full bytes are always transmitted. In the 1:4 multiplex
drive mode the eight transmitted data bits are placed in bits 0, 1, 2 and 3 of two
successive display RAM addresses.
Table 6.
LCD frame frequencies
Frame frequency
Nominal frame frequency (Hz)
64
f
CLK
24
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com