Electronic Components Datasheet Search
  English  ▼

X  

PCF8534AH Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8534AH
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AH Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8534AH Datasheet HTML 28Page - NXP Semiconductors PCF8534AH Datasheet HTML 29Page - NXP Semiconductors PCF8534AH Datasheet HTML 30Page - NXP Semiconductors PCF8534AH Datasheet HTML 31Page - NXP Semiconductors PCF8534AH Datasheet HTML 32Page - NXP Semiconductors PCF8534AH Datasheet HTML 33Page - NXP Semiconductors PCF8534AH Datasheet HTML 34Page - NXP Semiconductors PCF8534AH Datasheet HTML 35Page - NXP Semiconductors PCF8534AH Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
PCF8534A_0
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 00.90 — 4 February 2008
32 of 41
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
13. Test information
Fig 21. Synchronization of the cascade for various PCF8534A drive modes
Fig 22. Test loads
idth
MGS120v02
Ω
3.3 k
Ω
1.5 k
0.5VDD
VDD
VSS
SDA,
SCL
CLK
1 nF
BP0 to BP3, and
S0 to S59
(2%)
(2%)
Ω
6.8
VDD
SYNC
(2%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com