Electronic Components Datasheet Search
  English  ▼

X  

PCF8534AH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8534AH
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8534AH Datasheet HTML 5Page - NXP Semiconductors PCF8534AH Datasheet HTML 6Page - NXP Semiconductors PCF8534AH Datasheet HTML 7Page - NXP Semiconductors PCF8534AH Datasheet HTML 8Page - NXP Semiconductors PCF8534AH Datasheet HTML 9Page - NXP Semiconductors PCF8534AH Datasheet HTML 10Page - NXP Semiconductors PCF8534AH Datasheet HTML 11Page - NXP Semiconductors PCF8534AH Datasheet HTML 12Page - NXP Semiconductors PCF8534AH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
PCF8534A_0
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 00.90 — 4 February 2008
9 of 41
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
Data transfers on the I2C-bus must be avoided for 1 ms following power-on to allow
completion of the reset action.
7.2 LCD bias generator
Fractional LCD biasing voltages are obtained from an internal voltage divider of the three
series resistors connected between VLCD and VSS. The center resistor can be switched
out of the circuit to provide a 1
⁄2 bias voltage level for the 1:2 multiplex configuration.
7.3 LCD voltage selector
The LCD voltage selector co-ordinates the multiplexing of the LCD in accordance with the
selected LCD drive configuration. The operation of the voltage selector is controlled by
MODE SET commands from the command decoder.
The biasing configurations that apply to the preferred modes of operation, together with
the biasing characteristics as functions of VOP and the resulting discrimination ratios (D),
are shown in Table 5.
A practical value for VOP is determined by equating VOFF(rms) with a defined LCD threshold
voltage (VTH), typically when the LCD exhibits approximately 10 % contrast. In the static
drive mode a suitable choice is VOP
> 3 VTH.
Multiplex drive ratios of 1:3 and 1:4 with 1
⁄2 bias are possible but the discrimination and
hence the contrast ratios are smaller e.g.:
The advantage of these modes is a reduction of the LCD full-scale voltage VOP as follows:
• 1:3 multiplex (1
⁄2 bias):
• 1:4 multiplex (1
⁄2 bias):
These compare with VOP =3
× VOFF(rms) when 1⁄3 bias is used. Note: VOP =VLCD.
3
1.732 for 1:3 multiplex or
21
3
----------
1.528
=
⎝⎠
⎛⎞
for 1:4 multiplex
=
V
OP
6V
OFF rms
()
×
2.449V
OFF rms
()
==
V
OP
43
×
()
3
---------------------
2.309V
OFF rms
()
==
Table 5.
Preferred LCD drive modes: summary of characteristics
LCD drive
mode
Number of:
LCD bias
configuration
Backplanes
Levels
static
1
2
static
0
1
∞
1:2
2
3
1
⁄2
0.354
0.791
2.236
1:2
2
4
1
⁄3
0.333
0.745
2.236
1:3
3
4
1
⁄3
0.333
0.638
1.915
1:4
4
4
1
⁄3
0.333
0.577
1.732
V
OFF ms
()
V
OP
-----------------------
V
ON ms
()
V
OP
--------------------
D
V
ON ms
()
V
OFF ms
()
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com