Electronic Components Datasheet Search
  English  ▼

X  

ST4012 Datasheet(PDF) 3 Page - Infinite Electronics International, Inc.

Part # ST4012
Description  RF Load 0.5 Watts To 40 GHz Passivated Stainless Steel 2.92mm Male
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

ST4012 Datasheet(HTML) 3 Page - Infinite Electronics International, Inc.

  ST4012 Datasheet HTML 1Page - Infinite Electronics International, Inc. ST4012 Datasheet HTML 2Page - Infinite Electronics International, Inc. ST4012 Datasheet HTML 3Page - Infinite Electronics International, Inc. ST4012 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
Typical Performance Data
-70
-60
-50
-40
-30
-20
-10
0
0
4
8
12
16
20
24
28
32
36
40
dB
GHz
Return Loss
RF Load 0.5 Watts To 40 GHz Passivated Stainless Steel 2.92mm Male from Fairview Microwave is in-stock and available to
ship same-day. All of our RF/microwave products are available off-the-shelf from our ISO 9001:2008 certified facilities in
Allen, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: RF Load 0.5 Watts To 40 GHz Passivated Stainless
Steel 2.92mm Male ST4012
URL: https://www.fairviewmicrowave.com/rf-load-0.5-watts-40-ghz-precision-2.92mm-male-st4012-p.aspx
ST4012
DATA SHEET
REV 2.1 Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com