Electronic Components Datasheet Search
  English  ▼

X  

ST4012 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ST4012
Description  RF Load 0.5 Watts To 40 GHz Passivated Stainless Steel 2.92mm Male
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

ST4012 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ST4012 Datasheet HTML 1Page - Infinite Electronics International, Inc. ST4012 Datasheet HTML 2Page - Infinite Electronics International, Inc. ST4012 Datasheet HTML 3Page - Infinite Electronics International, Inc. ST4012 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 2.1 Page 1 of 4
Copyright © 2016
RF termination (also called RF load or dummy load) ST4012 from Fairview
Microwave operates from DC to 40 GHz and handles up to 0.5 Watt (CW).
This 2.92mm termination (or load) has a male gender. ST4012 2.92mm load
termination offers 1.25:1 max VSWR.
RF terminations / loads are critical passive components in many RF, microwave and
millimeter wave systems where signal reflection from unused ports can reduce the
signal integrity and can potentially damage the device. By terminating an unused
port with a matched load (dummy load), the incident energy will be absorbed with
minimal reflection. These radio frequency termination components are commonly
used to terminate devices such as couplers, circulators, and switches. Loads /
terminations are also widely used in measurement systems to ensure accurate
results. Fairview offers a large selection of in-stock RF, microwave and millimeter
wave terminations up to 65 GHz with great performance over the entire operating
range and with power handling capabilities up to 800 Watts (CW).
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
40
GHz
Impedance
50
Ohms
VSWR
1.25:1
Input Power (CW)
0.5
Watts
derated linearly to 0.05W at +125°C
Mechanical Specifications
Size
Length
0.67 in [17.02 mm]
Width
0.315 in [8 mm]
.
Weight
0.0125 lbs [5.67 g]
.
Configuration
Connector
2.92mm Male
Connector Specification
MIL-STD-348
Hex Size
5/16 inch
ST4012
DATA SHEET
RF Load 0.5 Watts To 40 GHz Passivated Stainless
Steel 2.92mm Male
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• DC to 40 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 0.5 Watt (CW)
• 2.92mm Male Coaxial Interface
Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication


Similar Part No. - ST4012

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST40120C SMC-ST40120C Datasheet
105Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST40120C SMCDIODE-ST40120C Datasheet
340Kb / 6P
SCHOTTKY RECTIFIER
Rev. C
logo
Micro Commercial Compon...
ST40120CT MCC-ST40120CT Datasheet
313Kb / 2P
40 Amp Ultra Low VF Schottky Barrier Rectifier 120 Volts
More results

Similar Description - ST4012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
148Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6085 PASTERNACK-PE6085 Datasheet
245Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE7046-3 PASTERNACK-PE7046-3 Datasheet
241Kb / 3P
3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-10 PASTERNACK-PE7046-10 Datasheet
240Kb / 3P
10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-30 PASTERNACK-PE7046-30 Datasheet
240Kb / 3P
30 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-6 PASTERNACK-PE7046-6 Datasheet
241Kb / 3P
6 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-20 PASTERNACK-PE7046-20 Datasheet
240Kb / 3P
20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE6085 PASTERNACK-PE6085_16 Datasheet
416Kb / 3P
0.5 Watt RF Load Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6086 PASTERNACK-PE6086_16 Datasheet
420Kb / 4P
0.5 Watt RF Load with Chain Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6087 PASTERNACK-PE6087_16 Datasheet
417Kb / 3P
0.5 Watt RF Load Up to 40 GHz with 2.92mm Female Passivated Stainless Steel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com