Electronic Components Datasheet Search
  English  ▼

X  

2N60FS Datasheet(PDF) 5 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # 2N60FS
Description  2 Amps,600 Volts N-Channel Super Junction Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

2N60FS Datasheet(HTML) 5 Page - Chongqing Pingwei Enterprise co.,Ltd

  2N60FS Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 4Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 5Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 6Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 7Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 8Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 9Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Version1.0-2015.2
www.perfectway.cn
RATINGAND CHARACTERISTIC CURVES
0 .2
0 .1
1
0.4
0 .8
0 .6
1 .2
1 .4
1 .0
10
V DS,S o urce-D rain V o ltage(V )
1 0 0
T J =150℃
T J =25℃
V GS =0V
6
10V
14V
1 5V T O P
13V
12V
11V
9 V
8V
7V
6V
5V
TJ =25℃
V DS,D rain -to-S o urce V o ltage(V )
4
5
20
3 0
2 5
1 0
1 5
5
2
3
1
0
0
1 75
1 00
2 5
-2 0
8 0 0
TJ , Ju nctio n Tem p erature( ℃ )
70 0
7 50
7 5
1 50
1 2 5
0
5 0
-40
6 0 0
65 0
5 5 0
5 0 0
-6 0
V GS=10V
1 75
1 00
2 5
-25
ID=1A
3 .0
T J , Jun ctio n Te m peratu re( ℃ )
2 .0
2 .5
7 5
1 5 0
1 25
0
5 0
-5 0
1 .0
1 .5
0.5
0
-75
0
0.1
10
1
1 00
3 0 0
20 0
5 00
6 0 0
4 00
1 00
V DS,D rain -to -S o u rce V o ltage(V )
10 0 0
2 4
Q g ,T o tal G ate C harge(n C )
1 6
2 0
4
6
5
2
3
1
8
1 2
4
0
0
V GS = 0V ,f = 1M H z
C iss = C gs
C gd
, Cds Sh orte d
C rss = C gd
C oss = C ds + C gd
C iss
C oss
C rss



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com