Electronic Components Datasheet Search
  English  ▼

X  

2N60FS Datasheet(PDF) 6 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # 2N60FS
Description  2 Amps,600 Volts N-Channel Super Junction Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

2N60FS Datasheet(HTML) 6 Page - Chongqing Pingwei Enterprise co.,Ltd

  2N60FS Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 4Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 5Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 6Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 7Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 8Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 9Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Version1.0-2015.2
www.perfectway.cn
Common Source
VDS=10V
ID=250uA
Pulse Test
VDS,Drain-to-Source Voltage(V)
100
100
1000
10
1
10
0.1
0.01
1
Operation in this Area
Limited by R DS(on)
IDM=Limited
Limited by R DS(on)
BVDSS Limited
TC=25℃
TJ=150℃
Single Pulse
100μ s
1ms
10ms
0.1
0.1
1
1
100
10
10
ID, Drain Current(V)
-80
0
1
3
2
80
40
5
4
TC, Case Temperature(℃ )
TCH , Channel Temperature(Initial) (℃ )
125
150
75
100
50
20
0
25
0.0001
Pulse Time(s)
-40
0
120
Common Source
Tc=25℃
Pulse Test
VGS =10V
0.01
0.1
1
0.001
0.01
10
1
0.1
D uty Cycle = 0.5
0.02
0.05
0.1
0.2
Single Pulse
140
40
80
60
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com