Electronic Components Datasheet Search
  English  ▼

X  

8SLVP2102 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 8SLVP2102
Description  Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP2102 Datasheet(HTML) 2 Page - Renesas Technology Corp

  8SLVP2102 Datasheet HTML 1Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 2Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 3Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 4Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 5Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 6Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 7Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 8Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
©2018 Integrated Device Technology, Inc.
March 13, 2018
8SLVP2102 Datasheet
Pin Descriptions and Characteristics
Table 1. Pin Descriptions
NOTE: Pulldown and Pullup refers to an internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1VEE
Power
Negative supply pin.
2
nc
Unused
Do not connect.
3
PCLKB
Input
Pulldown
Non-inverting differential LVPECL clock/data input.
4
nPCLKB
Input
Pullup/
Pulldown
Inverting differential LVPECL clock/data input. VCC/2 default when left
floating.
5VCC
Power
Power supply pins.
6
PCLKA
Input
Pulldown
Non-inverting differential LVPECL clock/data input.
7
nPCLKA
Input
Pullup/
Pulldown
Inverting differential LVPECL clock/data input. VCC/2 default when left
floating.
8VREF
Output
Bias voltage reference for the PCLK, nPCLK inputs.
9, 10
QA0, nQA0
Output
Differential output pair A0. LVPECL interface levels.
11, 12
QA1, nQA1
Output
Differential output pair A1. LVPECL interface levels.
13, 14
QB0, nQB0
Output
Differential output pair B0. LVPECL interface levels.
15, 16
QB1, nQB1
Output
Differential output pair B1. LVPECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com