Electronic Components Datasheet Search
  English  ▼

X  

8SLVP2102 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 8SLVP2102
Description  Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP2102 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 8SLVP2102 Datasheet HTML 15Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 16Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 17Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 18Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 19Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 20Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 21Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 22Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
©2018 Integrated Device Technology, Inc.
March 13, 2018
8SLVP2102 Datasheet
DISCLAIMER Integrated Device Technology, Inc. (IDT) and its affiliated companies (herein referred to as “IDT”) reserve the right to modify the products and/or specifications described herein at any time, without
notice, at IDT’s sole discretion. Performance specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed
in customer products. The information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any
particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intel-
lectual property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be reasonably
expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the property of
IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. Integrated Device Technology, Inc.. All rights reserved.
Tech Support
www.IDT.com/go/support
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138 USA
www.IDT.com
Revision History
Date
Description of Change
March 13, 2018
Updated the package outline drawings; however, no technical changes
Completed other minor changes
August 21, 2017
Added a feature about case temperature to Features
Added Case Temperature Considerations
Updated the Package Outline Drawings. No mechanical changes.
February 26, 2014
Ordering Info: Changed Tray to Tube.
January 28, 2014
Changed Note 6 to read “VIL should not be less than -0.3V. VIH should not be higher than VCC.”
January 30, 2013
Added Features Bullet: Differential PCLKA, nPCLKA and PCLKB, nPCLKB pairs can also accept single-ended
LVCMOS levels.
Added NOTE 8 to VPP, VCMR.
Updated the “Wiring the Differential Input to Accept Single-Ended Levels” note.
July 31, 2012
Ordering Information Table - added additional row.
Added Orientation Packaging Table.
June 20, 2012
Power Supply DC Characteristics Tables - changed ICC to 180mA. Added “±1” to test conditions (PCN #651).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com