Electronic Components Datasheet Search
  English  ▼

X  

FD6288 Datasheet(PDF) 2 Page - Fortior Technology Co., Ltd.

Part # FD6288
Description  3-PHASE BRIDGE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTIORTECH [Fortior Technology Co., Ltd.]
Direct Link  https://www.fortiortech.com/en/
Logo FORTIORTECH - Fortior Technology Co., Ltd.

FD6288 Datasheet(HTML) 2 Page - Fortior Technology Co., Ltd.

  FD6288 Datasheet HTML 1Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 2Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 3Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 4Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 5Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 6Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 7Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 8Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 9Page - Fortior Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FD6288T&Q
REV_1.3
2 / 17
www.fortiortech.com
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are
measured under board mounted and still air condition.
Definition
Symbol
Min~Max
Units
High side floating supply voltage
VB1,2,3
-0.3~275
V
High side floating supply offset voltage
VS1,2,3
VB1,2,3-25~VB1,2,3+0.3
V
High side floating output voltage
VHO1,2,3
VS1,2,3-0.3~VB1,2,3+0.3
V
Low side and logic fixed supply voltage
VCC
-0.3~25
V
Low side output voltage
VLO1,2,3
-0.5~VCC+0.3
V
Logic input voltage(HIN,LIN)
VIN
-0.5~VCC+0.3
V
Allowable offset supply voltage transient
dVS/dt
≤50
V/ns
Package power dissipation @TA≤25C
PD
20 lead TSSOP
≤1.25
W
24 lead QFN
≤3.0
Thermal resistance, junction to ambient
RthJA
20 lead TSSOP
≤100
C/W
24 lead QFN
≤42
Junction temperature
Tj
≤150
C
Storage temperature
Tstg
-55~150
C
Note1:
In any case, power dissipation should not exceed
PD.
Note2:
Voltages above the absolute maximum ratings may damage the chip.
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions. The
VS offset rating is tested
with all supplies biased at a 15V differential.
Definition
Symbol
Min
Max
Units
High side floating supply voltage
VB1,2,3
VS1,2,3+5
VS1,2,3+20
V
High side floating supply offset voltage
VS1,2,3
Note1
250
V
High side floating output voltage
VHO1,2,3
VS
VB1,2,3
V
Low side and logic fixed supply voltage
VCC
5
20
V
Low side output voltage
VLO1,2,3
0
VCC
V
Logic input voltage(HIN,LIN)
VIN
0
VCC
V
Ambient temperature
TA
-40
125
C
Note1:
Logic operational for VS of (COM – 4V) to (COM + 600V). Logic state held for VS of (COM – 4V) to
(COM
–V
BS).
Note2:
The long-term operation of the chip outside the recommended conditions may affect its reliability. It is
not recommended to work in an environment that exceeds the recommended conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com