Electronic Components Datasheet Search
  English  ▼

X  

FD6288 Datasheet(PDF) 3 Page - Fortior Technology Co., Ltd.

Part # FD6288
Description  3-PHASE BRIDGE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTIORTECH [Fortior Technology Co., Ltd.]
Direct Link  https://www.fortiortech.com/en/
Logo FORTIORTECH - Fortior Technology Co., Ltd.

FD6288 Datasheet(HTML) 3 Page - Fortior Technology Co., Ltd.

  FD6288 Datasheet HTML 1Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 2Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 3Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 4Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 5Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 6Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 7Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 8Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 9Page - Fortior Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
FD6288T&Q
REV_1.3
3 / 17
www.fortiortech.com
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) =15V and TA =25C unless otherwise specified. All the parameters are referenced to COM.
Definition
Symbol
Test conditions
Min.
Typ.
Max.
Units
Logic “1” input voltage
VIH
2.7
-
-
V
Logic “0” input voltage
VIL
-
-
0.8
High level output voltage, VBIAS - VO
VOH
IO=100mA
-
0.6
0.9
low level output voltage, VO
VOL
-
0.3
0.45
Offset supply leakage current
ILK
VB1,2,3=VS1,2,3=250V
-
0.1
5.0
uA
Quiescent VBS supply current
IQBS
VIN =0V or 5V
-
180
270
Quiescent VCC supply current
IQCC
-
330
500
Logic “1” input bias current
IIN+
VIN=5V
-
25
40
Logic “0” input bias current
IIN-
VIN=0V
-
-
1
VCC and VBS supply undervoltage positive
going threshold
VCCUV+
VBSUV+
4.2
4.6
5.0
V
VCC and VBS supply undervoltage
negative going threshold
VCCUV-
VBSUV-
3.9
4.3
4.7
Output high short circuit pulsed current
IO+
VO=0V,PW≤10us
1.1
1.5
1.9
A
Output low short circuit pulsed current
IO-
VO=15V,PW≤10us
1.3
1.8
2.3
Dynamic Electrical Characteristics
VBIAS (VCC, VBS1,2,3) =15V, CL=1000pF, and TA =25C, unless otherwise specified.
Definition
Symbol
Test conditions
Min.
Typ.
Max.
Units
Turn on propagation delay
ton
VS1,2,3=0V
-
300
450
ns
Turn off propagation delay
toff
VS1,2,3=250V
-
100
160
Delay matching, HS & LS turn on/off
MT
-
-
30
Turn on rise time
tr
-
12
25
Turn off fall time
tf
-
12
25
Deadtime , LS turn-off to HS turn-on &
HS turn-off to LS turn-on
DT
100
200
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com