Electronic Components Datasheet Search
  English  ▼

X  

VF-2000 Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # VF-2000
Description  Vortex Flow Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

VF-2000 Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  VF-2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. VF-2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. VF-2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. VF-2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TG-ES886-3E
SEP. 2000K
Cost-effective instrument
VF-2000
Vortex Flow Sensor
The VF-2000 Flow Sensor offers a cost-effective instrument for the
measurement of liquid flow.
A simple and compact design makes the VF-2000 a good choice for
the measurement of water, pure water, cooling water.
Current output model, Pulse output model and Display model with
current / alarm outputs are available.
Features
❏ Simple and Compact Design
The VF-2000 Flow Sensor is assembled with a few pieces of
components. The sensor body and Shedder bar (vortex genera-
tor) are molded as one component. This design approach has
reduced the cost as well as the size and weight of the flowmeter.
Sensor body is made of PPS (Polyphenylene sulfide) and is de-
signed to eliminate deposits.
❑ No Maintenance Cost
Since the VF-2000 has no moving parts, no maintenance is
needed.
❑ Low Pressure Loss
A combination of straight flow path and Shedder bar gives a
lower pressure loss compared with other types of flowmeters.
❑ Display Model with Current and Alarm Output
3-digit LED display for flow rate, current output and alarm out-
puts (2-point) are provided in compact design.
❑ CE Marking
The VF-2000 meets the EC directive for CE mark.
Operating Principle
A bluff body or Shedder bar in the flow generates a street of vorti-
ces downstream. The VF-2000 Flow Sensor measures the flow rate
by counting the number of vortices with a piezoelectric sensor.
Shedder bar
Piezoelectric element
Sensor
Vortices
Figure 1
Construction
●VF-201■
●VF-202■
Part No.
Name
1
Sensor body
2
Shedder bar (cast with Sensor body)
3
Sensor
4O-ring
5Cover
Figure 2
FLOW


Similar Part No. - VF-2000

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
VF-2200 KEISO-VF-2200 Datasheet
184Kb / 4P
Vortex Flow Sensor for water
FEB. 2012K
VF-2214-F11 KEISO-VF-2214-F11 Datasheet
184Kb / 4P
Vortex Flow Sensor for water
FEB. 2012K
VF-2214-F21 KEISO-VF-2214-F21 Datasheet
184Kb / 4P
Vortex Flow Sensor for water
FEB. 2012K
VF-2214-F31 KEISO-VF-2214-F31 Datasheet
184Kb / 4P
Vortex Flow Sensor for water
FEB. 2012K
VF-2215-F11 KEISO-VF-2215-F11 Datasheet
184Kb / 4P
Vortex Flow Sensor for water
FEB. 2012K
More results

Similar Description - VF-2000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
84F SCHNEIDER-84F Datasheet
173Kb / 1P
Vortex flowmeters, Flow, HART
Apr 26, 2022
84FNPT SCHNEIDER-84FNPT Datasheet
98Kb / 1P
Vortex flowmeters, Flow, Male NPT
Apr 26, 2022
logo
Festo Corporation.
610916 FESTO-610916 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158411 FESTO-8158411 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158413 FESTO-8158413 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158419 FESTO-8158419 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158422 FESTO-8158422 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158423 FESTO-8158423 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158425 FESTO-8158425 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158426 FESTO-8158426 Datasheet
101Kb / 3P
Flow sensor
7/13/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com