Electronic Components Datasheet Search
  English  ▼

X  

VF-2000 Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # VF-2000
Description  Vortex Flow Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

VF-2000 Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  VF-2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. VF-2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. VF-2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. VF-2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VF-2000 Cost-effective instrument
TOKYO KEISO CO., LTD.
3
TG-ES886-3E
Model Code
Model Code
Description
VF - 20
■
■
-
■
■
■
1
Current output : 4 to 20mA DC
2
Pulse output : Open collector (Unscaled)
Type/Output
Display : Flow rate (3-digit LED), Alarm (2 LED)
3
Current output : 4 to 20mA DC
Alarm output : Open collector (2 points)
Nominal Size :
1
6 mm : 0.5 - 4 L/min or 0.13 - 1GPM ; 3/8"
Flow Range ;
2
10 mm : 2 - 16 L/min or 0.5 - 4GPM ; 1/2"
Connection Size
3
15 mm : 4 - 40 L/min or 1 - 10GPM ; 1/2"
O-ring Material
- F
Fluorine rubber (FKM)
Process Connection
0
Taper Pipe Threads Equivalent to R3/8 or Eguivalent. to R1/2
(JIS B 0203 / ISO 7/1)
Flow Unit
1
L/min
2
GPM
●Accessory Code
/RCT
Rc / Rc (Internal thread) Adapter [Material : 316 Stainless Steel]
/NPT
Rc / NPT(Internal thread) Adapter [Material : 316 Stainless Steel]
■ Model Code Example : VF-2011-F01 / NPT
Fluid and Ambient Temperature Range
(only for Display type VF-203
■)
● Pulse Output Model (VF-202■)
[Shield]
10.8 to 26.4V DC
+
-
+
-
[Brown]
[Black]
[Blue]
Pulse output
Figure 3
● Current Output Model (VF-201■)
[Brown]
[Black]
[Blue]
[Shield]
4 to 20mA DC
10.8 to 26.4V DC
+
-
+
-
Load
● Display / Current Output Model (VF-203■)
[Brown]
[Black]
[Gray]
[White]
[Blue]
[Shield]
4 to 20mA DC
10.8 to 26.4V DC
+
-
+
-
+
-
+
-
Load
Alarm 2
Alarm 1
Figure 5
Wiring Diagram
Ambient Temperature (oC)
0
35
50
70
30
0
Operating range
Range of load resistance
( VF-201
■, VF-203■)
(
Ω)
600
300
250
215
0
10.8 12
24 26.4 (V DC)
Power supply
Operating range
Figure 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com