Electronic Components Datasheet Search
  English  ▼

X  

J176 Datasheet(PDF) 1 Page - InterFET Corporation

Part # J176
Description  P-Channel JFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

J176 Datasheet(HTML) 1 Page - InterFET Corporation

  J176 Datasheet HTML 1Page - InterFET Corporation J176 Datasheet HTML 2Page - InterFET Corporation J176 Datasheet HTML 3Page - InterFET Corporation J176 Datasheet HTML 4Page - InterFET Corporation J176 Datasheet HTML 5Page - InterFET Corporation J176 Datasheet HTML 6Page - InterFET Corporation J176 Datasheet HTML 7Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NOTICE: Please refer to the end of this document for information on product materials, compliance, safety, and legal statements.
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
IF35089 Rev A01
J176-7
J176, J177 P-Channel JFET
Features
• InterFET P0099F Geometry
• Low noise: 2.0 nV/√Hz typical
• High gain: 10mS typical
• Low gate leakage: 2.5pA typical @10V
• Typical IDSS: 10mA
• Typical BVGSS: -55V
• High radiation tolerance
• RoHS, REACH, CMR compliant
• Custom test and binning options available
• SMT, TH, and bare die package options
• SPICE Edge case modeling: InterFET SPICE
Industry Standard Crosses
• SST176, SST177, 2N5116, SST270, SST271
InterFET Similar Parts
• 2N5019, 2N5114, 2N5115, 2N5116
• P1086, P1087, J270, J271, VCR3P
• IFN3993, IFN3994, U304, U305, U306
Applications
• General: Amplifiers; Switches; Voltage regulators; Oscillators; Signal mixers; Noise generators
• Military/Aero: Radar; Communications; Satellites; Missiles guidance; Hydrophone preamplifiers
• Medical: Medical imaging systems; Medical monitors and recorders; Ultrasound equipment
• Audio: Tone control circuits; Headphone amplifiers; Audio filters; Electret Microphone
Description
The 30V InterFET J176 and J177 are very low leakage low noise P-channel JFETs targeted for high gain
switching, commutator, and chopper applications. Gate leakages are typically less 3pA at room temperatures.
The J177 has a cutoff voltage of less than 2.25V ideal for low-level power supplies. Proprietary InterFET
processes yield exceptionally high radiation tolerance.
Ordering Information Custom Part and Binning Options Available
Part Number
Description
Case
Packaging
J176; J177
Through-Hole
TO-92
Bulk
SMPJ176; SMPJ177
Surface Mount
SOT23
Bulk
SMPJ176TR; SMPJ177TR
7“ Tape and Reel: Max 3,000 Pieces
13” Tape and Reel: Max 9,000 Pieces
SOT23
Minimum 1,000 Pieces
Tape and Reel
J176COT; J177COT
Chip Orientated Tray (COT Waffle Pack)
COT
400/Waffle Pack
J176CFT; J177CFT
Chip Face-up Tray (CFT Waffle Pack)
CFT
400/Waffle Pack
SOT23 Top View
TO-92 Bottom View
1
2
3
S/D
S/D
Gate
S/D
S/D
Gate
1
2
3
NOTE: S/D pins are interchangeable Source Drain connections


Similar Part No. - J176

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J176 PHILIPS-J176 Datasheet
33Kb / 6P
P-channel silicon field-effect transistors
April 1995
logo
Fairchild Semiconductor
J176 FAIRCHILD-J176 Datasheet
58Kb / 5P
P-Channel Switch
logo
Calogic, LLC
J176 CALOGIC-J176 Datasheet
23Kb / 2P
P-Channel JFET Switch
logo
Linear Integrated Syste...
J176 LINEAR-J176 Datasheet
237Kb / 2P
SINGLE P-CHANNEL JFET SWITCH
logo
Vishay Siliconix
J176 VISHAY-J176 Datasheet
55Kb / 6P
P-Channel JFETs
04-Jun-01
More results

Similar Description - J176

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
J270 CALOGIC-J270 Datasheet
22Kb / 2P
P-Channel JFET
logo
Micross Components
J174_TO-92 MICROSS-J174_TO-92 Datasheet
304Kb / 1P
P-CHANNEL JFET
LS5115_TO-18 MICROSS-LS5115_TO-18 Datasheet
309Kb / 1P
P-CHANNEL JFET
LS5116_SOT-23 MICROSS-LS5116_SOT-23 Datasheet
277Kb / 1P
P-CHANNEL JFET
LS5116_TO-18 MICROSS-LS5116_TO-18 Datasheet
283Kb / 1P
P-CHANNEL JFET
LSJ174_TO-18 MICROSS-LSJ174_TO-18 Datasheet
306Kb / 1P
P-CHANNEL JFET
LSJ177_SOT-23 MICROSS-LSJ177_SOT-23 Datasheet
301Kb / 1P
P-CHANNEL JFET
SST5115_SOT-23 MICROSS-SST5115_SOT-23 Datasheet
304Kb / 1P
P-CHANNEL JFET
SST5116_SOT-23 MICROSS-SST5116_SOT-23 Datasheet
277Kb / 1P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5116 NJSEMI-2N5116 Datasheet
78Kb / 1P
P-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com