Electronic Components Datasheet Search
  English  ▼

X  

9DB106BGLF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 9DB106BGLF
Description  Six Output Differential Buffer for PCIe Gen 2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB106BGLF Datasheet(HTML) 3 Page - Renesas Technology Corp

  9DB106BGLF Datasheet HTML 1Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 2Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 3Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 4Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 5Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 6Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 7Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 8Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IDT® Six Output Differential Buffer for PCIe Gen 2
9DB106
REV L 05/24/12
9DB106
Six Output Differential Buffer for PCIe Gen 2
3
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
PLL_BW
IN
3.3V input for selecting PLL Band Width
0 = low, 1= high
2
CLK_INT
IN
True Input for differential reference clock.
3
CLK_INC
IN
Complementary Input for differential reference clock.
4
vCLKREQ1#
IN
Output enable for PCI Express output pair 1.
0 = enabled, 1 =disabled
5
PCIEXT0
OUT
True clock of differential PCI_Express pair.
6
PCIEXC0
OUT
Complementary clock of differential PCI_Express pair.
7
VDD
PWR
Power supply, nominal 3.3V
8
GND
IN
Ground pin.
9
PCIEXT1
OUT
True clock of differential PCI_Express pair.
10
PCIEXC1
OUT
Complementary clock of differential PCI_Express pair.
11
PCIEXT2
OUT
True clock of differential PCI_Express pair.
12
PCIEXC2
OUT
Complementary clock of differential PCI_Express pair.
13
VDD
PWR
Power supply, nominal 3.3V
14
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
15
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
16
VDD
PWR
Power supply, nominal 3.3V
17
PCIEXC3
OUT
Complementary clock of differential PCI_Express pair.
18
PCIEXT3
OUT
True clock of differential PCI_Express pair.
19
PCIEXC4
OUT
Complementary clock of differential PCI_Express pair.
20
PCIEXT4
OUT
True clock of differential PCI_Express pair.
21
GND
PWR
Ground pin.
22
VDD
PWR
Power supply, nominal 3.3V
23
PCIEXC5
OUT
Complementary clock of differential PCI_Express pair.
24
PCIEXT5
OUT
True clock of differential PCI_Express pair.
25
vCLKREQ4#
IN
Output enable for PCI Express output pair 4.
0 = enabled, 1 =disabled
26
IREF
OUT
This pin establishes the reference for the differential current-mode
output pairs. It requires a fixed precision resistor to ground.
475ohm is the standard value for 100ohm differential impedance.
Other impedances require different values. See data sheet.
27
GNDA
PWR
Ground pin for the PLL core.
28
VDDA
PWR
3.3V power for the PLL core.
Note:
Pins preceeded by ' v ' have internal 120K ohm pull down resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com