Electronic Components Datasheet Search
  English  ▼

X  

9DB106BGLF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 9DB106BGLF
Description  Six Output Differential Buffer for PCIe Gen 2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB106BGLF Datasheet(HTML) 2 Page - Renesas Technology Corp

  9DB106BGLF Datasheet HTML 1Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 2Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 3Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 4Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 5Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 6Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 7Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 8Page - Renesas Technology Corp 9DB106BGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
IDT® Six Output Differential Buffer for PCIe Gen 2
9DB106
REV L 05/24/12
9DB106
Six Output Differential Buffer for PCIe Gen 2
2
Pin Configuration
Power Groups
28-pin SSOP & TSSOP
VDD
GND
7, 13, 16, 22
8,21
PCI Express Outputs
TBD
TBD
SMBUS
N/A
27
IREF
28
27
Analog VDD & GND for PLL core
Description
Pin Number
PLL_BW 1
28 VDDA
CLK_INT 2
27 GNDA
CLK_INC 3
26 IREF
vCLKREQ1# 4
25 vCLKR EQ4#
PCIEXT0 5
24 PCIEXT5
PCIEXC0 6
23 PCIEXC5
VDD 7
22 VDD
GND 8
21 GND
PCIEXT1 9
20 PCIEXT4
PCIEXC1 10
19 PCIEXC4
PCIEXT2 11
18 PCIEXT3
PCIEXC2 12
17 PCIEXC3
VDD 13
16 VDD
SMBDAT 14
15 SMBCLK
120K ohm pull down resistors
Note:Pins preceeded by ' v ' have internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com