Electronic Components Datasheet Search
  English  ▼

X  

MCP14E6 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP14E6
Description  2.0A Dual High-Speed Power MOSFET Driver With Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E6 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP14E6 Datasheet HTML 17Page - Microchip Technology MCP14E6 Datasheet HTML 18Page - Microchip Technology MCP14E6 Datasheet HTML 19Page - Microchip Technology MCP14E6 Datasheet HTML 20Page - Microchip Technology MCP14E6 Datasheet HTML 21Page - Microchip Technology MCP14E6 Datasheet HTML 22Page - Microchip Technology MCP14E6 Datasheet HTML 23Page - Microchip Technology MCP14E6 Datasheet HTML 24Page - Microchip Technology MCP14E6 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
 2011-2023 Microchip Technology Inc. and its subsidiaries
DS20005006B-page 21
MCP14E6/7/8
Microchip Technology Drawing No. C04-057-C2X Rev K Sheet 2 of 2
8-Lead Plastic Small Outline (C2X) - Narrow, 3.90 mm (.150 In.) Body [SOIC]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
protrusions shall not exceed 0.15mm per side.
3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. § Significant Characteristic
4. Dimensioning and tolerancing per ASME Y14.5M
Notes:
5. Datums A & B to be determined at Datum H.
Atmel Legacy Global Package Code SWB
Foot Angle
0°
–
8°
–
–
0°
Lead Angle
0.51
–
0.31
b
Lead Width
0.25
–
0.17
c
Lead Thickness
1.27
–
0.40
L
Foot Length
0.50
–
0.25
h
Chamfer (Optional)
4.90 BSC
D
Overall Length
3.90 BSC
E1
Molded Package Width
6.00 BSC
E
Overall Width
0.25
–
0.10
A1
Standoff
-
–
1.25
A2
Molded Package Thickness
1.75
–
–
A
Overall Height
1.27 BSC
e
Pitch
8
N
Number of Pins
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
Units
§
Footprint
L1
1.04 REF
Mold Draft Angle
5°
–
15°
1
2
–
–
0.07
R1
Lead Bend Radius
–
–
0.07
R
Lead Bend Radius



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com