Electronic Components Datasheet Search
  English  ▼

X  

MCP14E6 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP14E6
Description  2.0A Dual High-Speed Power MOSFET Driver With Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E6 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP14E6 Datasheet HTML 9Page - Microchip Technology MCP14E6 Datasheet HTML 10Page - Microchip Technology MCP14E6 Datasheet HTML 11Page - Microchip Technology MCP14E6 Datasheet HTML 12Page - Microchip Technology MCP14E6 Datasheet HTML 13Page - Microchip Technology MCP14E6 Datasheet HTML 14Page - Microchip Technology MCP14E6 Datasheet HTML 15Page - Microchip Technology MCP14E6 Datasheet HTML 16Page - Microchip Technology MCP14E6 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2011-2023 Microchip Technology Inc. and its subsidiaries
DS20005006B-page 13
MCP14E6/7/8
4.6.2
QUIESCENT POWER DISSIPATION
The power dissipation associated with the quiescent
current draw depends upon the state of the input pin.
The MCP14E6/7/8 devices have a quiescent current
draw with a Logic '1' on the input pin of 1 mA (typical)
and 300 µA (typical) with a Logic '0'. The quiescent
power dissipation is:
EQUATION 4-3:
4.6.3
OPERATING POWER DISSIPATION
The operating power dissipation occurs each time the
MOSFET driver output transitions, because for a very
short period of time, both MOSFETs in the output stage
are ON, simultaneously. This cross-conduction current
leads to a power dissipation described as:
EQUATION 4-4:
PQ
IQH DIQL
1D
–

+
 V
DD
=
Where:
IQH = Quiescent Current in the High State
D =Duty Cycle
IQL = Quiescent Current in the Low State
VDD = MOSFET Driver Supply Voltage
PCC
CC f
VDD
=
Where:
CC = Cross-Conduction Constant (A * sec)
f = Switching Frequency
VDD = MOSFET Driver Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com