Electronic Components Datasheet Search
  English  ▼

X  

LM1112B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1112B
Description  DolbyÉ B-Type Noise Reduction Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1112B Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM1112B Datasheet HTML 1Page - National Semiconductor (TI) LM1112B Datasheet HTML 2Page - National Semiconductor (TI) LM1112B Datasheet HTML 3Page - National Semiconductor (TI) LM1112B Datasheet HTML 4Page - National Semiconductor (TI) LM1112B Datasheet HTML 5Page - National Semiconductor (TI) LM1112B Datasheet HTML 6Page - National Semiconductor (TI) LM1112B Datasheet HTML 7Page - National Semiconductor (TI) LM1112B Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ELECTRICAL NOISE REDUCTION SWITCH
In place of the normal mechanical noise reduction onoff
switch the circuit below is often used to permit electrical NR
control When using this circuit the following points should
be noted
1 Signal boost is reduced by increasing DC voltage on Pin
14 (see curve) A voltage of approximately 3V is adequate
to achieve NR OFF
2 Supply current may be significantly increased by high pin
14 forced voltages Values for V and R should thus be
chosen such that pin 14 voltage is 3V – 4V
3 When electrical NR switching is used signal level is
slightly affected by the minimum value of the internal vari-
able impedance (At 10 kHz – 10 dB a residual boost of
approximately 04 dB remains) This is not the case for
mechanical NR switching
TLH7876 – 10
Note 1
Where not otherwise specified component tolerances are g10%
(Encode 10 kHz)
Signal Boost vs Pin 14 Control Voltage
(VS e 12V) (Encode 10 kHz)
Supply Current vs Pin 14 Control Voltage
TLH7876 – 11
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com