Electronic Components Datasheet Search
  English  ▼

X  

LM1112B Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1112B
Description  DolbyÉ B-Type Noise Reduction Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1112B Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM1112B Datasheet HTML 1Page - National Semiconductor (TI) LM1112B Datasheet HTML 2Page - National Semiconductor (TI) LM1112B Datasheet HTML 3Page - National Semiconductor (TI) LM1112B Datasheet HTML 4Page - National Semiconductor (TI) LM1112B Datasheet HTML 5Page - National Semiconductor (TI) LM1112B Datasheet HTML 6Page - National Semiconductor (TI) LM1112B Datasheet HTML 7Page - National Semiconductor (TI) LM1112B Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Test Circuit (Encode)
TLH7876 – 12
Note 1
1 nF capacitors from pin 3 and pin 7 to ground may be required on older devices
Note 2
Where not otherwise specified component tolerances are g10%
Note 3
For LM1112AN use 2% components for C304 R303 R305 (5% components may cause errors up to a03 dB)
Connection Diagram
Dual-In-Line Package
TLH7876 – 13
Order Number LM1112AN LM1112BN
or LM1112CN
See NS Package Number N16E
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com