Electronic Components Datasheet Search
  English  ▼

X  

ST0421 Datasheet(PDF) 3 Page - Infinite Electronics International, Inc.

Part # ST0421
Description  RF Load 1 Watts To 4 GHz Nickel Plated Brass QMA Male
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

ST0421 Datasheet(HTML) 3 Page - Infinite Electronics International, Inc.

  ST0421 Datasheet HTML 1Page - Infinite Electronics International, Inc. ST0421 Datasheet HTML 2Page - Infinite Electronics International, Inc. ST0421 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 3.0 Page 3 of 3
ST0421
TITLE
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
3. DIMENSIONS ARE IN INCHES [mm].
CAD FILE
070816
SCALE N/A
SIZE A
3045
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
DWG NO
CAGE CODE
3FKR5
SHEET
0.93
[23.6]
0.31
[7.9]
Ø0.39
[9.9]
QMA
MALE
*STANDARD TOLERANCES APPLY
ONLY TO DIMENSIONS IN INCHES
STANDARD TOLERANCES
.X
±0.2
.XX ±0.1
.XXX ±0.05
ST0421
DATA SHEET
RF Load 1 Watts To 4 GHz Nickel Plated Brass QMA
Male



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com